Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA55H3847M Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # RA55H3847M
Description  RF MOSFET MODULE 380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA55H3847M Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  RA55H3847M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA55H3847M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA55H3847M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA55H3847M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA55H3847M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA55H3847M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA55H3847M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA55H3847M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA55H3847M
RA55H3847M
MITSUBISHI ELECTRIC
12 Jun 2007
7/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
PRECAUTIONS, RECOMMENDATIONS, and APPLICATION INFORMATION:
Construction:
This module consists of an alumina substrate soldered onto a copper flange. For mechanical protection, a plastic
cap is attached with silicone. The MOSFET transistor chips are die bonded onto metal, wire bonded to the
substrate, and coated with resin. Lines on the substrate (eventually inductors), chip capacitors, and resistors form
the bias and matching circuits. Wire leads soldered onto the alumina substrate provide the DC and RF
connection.
Following conditions must be avoided:
a) Bending forces on the alumina substrate (for example, by driving screws or from fast thermal changes)
b) Mechanical stress on the wire leads (for example, by first soldering then driving screws or by thermal
expansion)
c) Defluxing solvents reacting with the resin coating on the MOSFET chips (for example, Trichloroethylene)
d) Frequent on/off switching that causes thermal expansion of the resin
e) ESD, surge, over voltage in combination with load VSWR, and oscillation
ESD:
This MOSFET module is sensitive to ESD voltages down to 1000V. Appropriate ESD precautions are required.
Mounting:
Heat sink flatness must be less than 50 µm (a heat sink that is not flat or particles between module and heat sink
may cause the ceramic substrate in the module to crack by bending forces, either immediately when driving
screws or later when thermal expansion forces are added).
A thermal compound between module and heat sink is recommended for low thermal contact resistance and to
reduce the bending stress on the ceramic substrate caused by the temperature difference to the heat sink.
The module must first be screwed to the heat sink, then the leads can be soldered to the printed circuit board.
M3 screws are recommended with a tightening torque of 0.4 to 0.6 Nm.
Soldering and Defluxing:
This module is designed for manual soldering.
The leads must be soldered after the module is screwed onto the heat sink.
The temperature of the lead (terminal) soldering should be lower than 350°C and shorter than 3 second.
Ethyl Alcohol is recommend for removing flux. Trichloroethylene solvents must not be used (they may cause
bubbles in the coating of the transistor chips which can lift off the bond wires).
Thermal Design of the Heat Sink:
At Pout=55W, VDD=12.5V and Pin=50mW each stage transistor operating conditions are:
Stage
Pin
(W)
Pout
(W)
Rth(ch-case)
(°C/W)
IDD @ ηT=38%
(A)
VDD
(V)
1
st
0.05
1.5
23.0
0.26
2
nd
1.5
13.0
2.4
3.10
3
rd
13.0
55.0
1.2
8.15
12.5
The channel temperatures of each stage transistor Tch = Tcase + (VDD x IDD - Pout + Pin) x Rth(ch-case) are:
Tch1 = Tcase + (12.5V x 0.26A – 1.5W + 0.05W) x 23.0°C/W = Tcase + 41.4 °C
Tch2 = Tcase + (12.5V x 3.10A - 13.0W + 1.5W) x 2.4°C/W
= Tcase + 65.4 °C
Tch3 = Tcase + (12.5V x 8.15A - 55.0W + 13.0W) x 1.2°C/W = Tcase + 71.9 °C
For long-term reliability, it is best to keep the module case temperature (Tcase) below 90°C. For an ambient
temperature Tair=60°C and Pout=55W, the required thermal resistance Rth (case-air) = ( Tcase - Tair) / ( (Pout / ηT ) -
Pout + Pin ) of the heat sink, including the contact resistance, is:
Rth(case-air) = (90°C - 60°C) / (55W/38% – 55W + 0.05W) = 0.33 °C/W
When mounting the module with the thermal resistance of 0.33 °C/W, the channel temperature of each stage
transistor is:
Tch1 = Tair + 71.4 °C
Tch2 = Tair + 95.4 °C
Tch3 = Tair + 101.9 °C
The 175°C maximum rating for the channel temperature ensures application under derated conditions.


Similar Part No. - RA55H3847M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA55H3847M MITSUBISHI-RA55H3847M Datasheet
107Kb / 9P
   380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M Datasheet
262Kb / 9P
   RoHS Compliance , 380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M-101 MITSUBISHI-RA55H3847M-101 Datasheet
107Kb / 9P
   380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M-101 MITSUBISHI-RA55H3847M-101 Datasheet
262Kb / 9P
   RoHS Compliance , 380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M_10 Datasheet
107Kb / 9P
   380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA55H3847M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA55H3847M MITSUBISHI-RA55H3847M_10 Datasheet
107Kb / 9P
   380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4047M MITSUBISHI-RA55H4047M Datasheet
95Kb / 8P
   RF MOSFET MODULE 400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M_11 Datasheet
262Kb / 9P
   RoHS Compliance , 380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4047M MITSUBISHI-RA55H4047M_10 Datasheet
102Kb / 9P
   400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4047M MITSUBISHI-RA55H4047M_11 Datasheet
257Kb / 9P
   RoHS Compliance , 400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4452M MITSUBISHI-RA55H4452M Datasheet
182Kb / 8P
   RF MOSFET MODULE 440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1 Datasheet
152Kb / 9P
   RF MOSFET MODULE 400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1_08 Datasheet
175Kb / 9P
   RF MOSFET MODULE 400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA55H3340M MITSUBISHI-RA55H3340M Datasheet
88Kb / 9P
   330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4452M MITSUBISHI-RA55H4452M_10 Datasheet
102Kb / 9P
   440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com