Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACBXX-200SN Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # ACBXX-200SN
Description  ATTENUATOR COAXIAL SERIES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

ACBXX-200SN Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  ACBXX-200SN Datasheet HTML 1Page - American Accurate Components, Inc. ACBXX-200SN Datasheet HTML 2Page - American Accurate Components, Inc. ACBXX-200SN Datasheet HTML 3Page - American Accurate Components, Inc. ACBXX-200SN Datasheet HTML 4Page - American Accurate Components, Inc. ACBXX-200SN Datasheet HTML 5Page - American Accurate Components, Inc. ACBXX-200SN Datasheet HTML 6Page - American Accurate Components, Inc. ACBXX-200SN Datasheet HTML 7Page - American Accurate Components, Inc. ACBXX-200SN Datasheet HTML 8Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
American Accurate Components,
I
ATTENUATOR COAXIAL SERIES
The content of this specification may change without notification 09/01/08
188 Technology Drive, Unit H Irvine, CA 92618
TEL: 949-453-9888
♦ FAX: 9494538889
1
Coaxial
Attenuators
P/N
ACBXX-0.5RS
Power(W)
0.5
Attenuation(dB)*
1-30
1-10dB
±0.6
Accuracy(dB) 11-20dB
±0.8
21-30dB
±1.0
Frequency(GHz)*
DC-6
Resistance(Ω)
50
VSWR
DC-3GHz
1.20:1 max
DC-6GHz
1.25:1 max
Connector*
SMA-M/SMA-F
Operation Temperature(°C)
-55~+85
Size(mm)*
8.3×28
Weight(KG)
0.007
* Customization is available.
P/N
ACBXX-2RB
Power(W)
2
Attenuation(dB)*
1-30
1-10dB
±0.6
Accuracy(dB) 11-20dB
±0.8
21-30dB
±1.0
Frequency(GHz)*
DC-6
Resistance(Ω)
50
VSWR
DC-3GHz
1.20:1 max
DC-6GHz
1.25:1 max
Connector*
BNC-M/BNC-F
Operation Temperature(°C)
-55~+85
Size(mm)*
15×50
Weight(KG)
0.03
* Customization is available.
P/N
ACBXX-2RN
Power(W)
2
Attenuation(dB)*
1-30
1-10dB
±0.6
Accuracy(dB) 11-20dB
±0.8
21-30dB
±1.0
Frequency(GHz)*
DC-6
Resistance(Ω)
50
VSWR
DC-3GHz
1.15:1 max
DC-6GHz
1.25:1 max
Connector*
N-M/N-F
Operation Temperature(°C)
-55~+85
Size(mm)*
20×58
Weight(KG)
0.056
* Customization is available.


Similar Part No. - ACBXX-200SN

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACB-12-1238 ACIPOWER-ACB-12-1238 Datasheet
108Kb / 1P
   CCFL INVERTER
ACB-12-1241 ACIPOWER-ACB-12-1241 Datasheet
101Kb / 1P
   CCFL INVERTER
ACB-12-1242 ACIPOWER-ACB-12-1242 Datasheet
103Kb / 1P
   CCFL INVERTER
ACB-12-1261 ACIPOWER-ACB-12-1261 Datasheet
101Kb / 1P
   CCFL INVERTER
ACB-12-1334 ACIPOWER-ACB-12-1334 Datasheet
108Kb / 1P
   CCFL INVERTER
More results

Similar Description - ACBXX-200SN

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBSJ-T-0-5-250 AAC-JXWBSJ-T-0-5-250 Datasheet
37Kb / 1P
   Coaxial Fixed Attenuator
logo
Mini-Circuits
BW-KM20-2W44 MINI-BW-KM20-2W44 Datasheet
177Kb / 2P
   Precision Fixed Attenuator Coaxial
logo
Teledyne Technologies I...
A152 TELEDYNE-A152 Datasheet
229Kb / 7P
   Attenuator relay series
logo
American Accurate Compo...
AFBXX-30ADJ AAC-AFBXX-30ADJ Datasheet
265Kb / 5P
   Attenuator - Flange (AFB Series)
logo
Feature Integration Tec...
PE34586LF FINTEK-PE34586LF Datasheet
299Kb / 1P
   COAXIAL
logo
Texas Instruments
LM1971 TI1-LM1971_14 Datasheet
965Kb / 20P
[Old version datasheet]   Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
logo
American Accurate Compo...
ATBXX-5A AAC-ATBXX-5A Datasheet
115Kb / 2P
   Attenuator -Tab & Cover (ATB Series)
logo
Rosenberger Hochfrequen...
53AS102-K10N3 ROSENBERGER-53AS102-K10N3 Datasheet
542Kb / 2P
   Attenuator
28AS102-K06S3 ROSENBERGER-28AS102-K06S3 Datasheet
137Kb / 2P
   Attenuator
28AS102-K10S3 ROSENBERGER-28AS102-K10S3 Datasheet
114Kb / 2P
   Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com