Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA01L8693MA Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # RA01L8693MA
Description  865-928MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA01L8693MA Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button RA01L8693MA Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA01L8693MA Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA01L8693MA Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA01L8693MA Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA01L8693MA Datasheet HTML 9Page - Mitsubishi Electric Semiconductor RA01L8693MA Datasheet HTML 10Page - Mitsubishi Electric Semiconductor RA01L8693MA Datasheet HTML 11Page - Mitsubishi Electric Semiconductor RA01L8693MA Datasheet HTML 12Page - Mitsubishi Electric Semiconductor RA01L8693MA Datasheet HTML 13Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANT
RA01L8693MA
RA01L8693MA
MITSUBISHI ELECTRIC
21
th Nov. 2008
10/13
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
P.C.B Land Pattern Recommendation
Mounting method
Mitsubishi recommends device mounting like Fig.1. In order to heat radiation, we recommend to fix
the PCB and heat sink by screw. This PCB has through holes that filled up with resin to restrain the
solder flow under the RF Ground. The interval of through holes is 0.4mm and these holes are
arranged in the shape of equilateral triangles.
# Note: Mitsubishi Heat Sink size=30 * 60 * 10 Unit: mm
0.5
2.55
4.60
8.00
8.60
EQUILATERAL TRIANGLE ARRANGEMENT
THROUGH HOLE
Reflow soldering
heat sink
Fig.1
RF Ground
Drain
RF Output
Printed Circuit board
Fix with screws.
RF Input
Gate


Similar Part No. - RA01L8693MA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA01L8693MA MITSUBISHI-RA01L8693MA Datasheet
270Kb / 12P
   865-928MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
RA01L8693MA-101 MITSUBISHI-RA01L8693MA-101 Datasheet
270Kb / 12P
   865-928MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
RA01L8693MA MITSUBISHI-RA01L8693MA_10 Datasheet
270Kb / 12P
   865-928MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
More results

Similar Description - RA01L8693MA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA01L8693MA MITSUBISHI-RA01L8693MA_10 Datasheet
270Kb / 12P
   865-928MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
RA01L9595M MITSUBISHI-RA01L9595M_10 Datasheet
549Kb / 13P
   952-954MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
RA01L9595M MITSUBISHI-RA01L9595M Datasheet
447Kb / 14P
   952-954MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
   V680 RFID Handheld Reader Writer
logo
Texas Instruments
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
STMicroelectronics
STEVAL-IPC001V1 STMICROELECTRONICS-STEVAL-IPC001V1 Datasheet
189Kb / 4P
   Smartcard manager for reader and writer
logo
Texas Instruments
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
logo
Mitsubishi Electric Sem...
RA05H8693M MITSUBISHI-RA05H8693M_10 Datasheet
113Kb / 9P
   866-928MHz 5W 14V, 3 Stage Amp.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com