Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21993-4 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # PS21993-4
Description  Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21993-4 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button PS21993-4 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21993-4 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21993-4 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21993-4 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21993-4 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21993-4 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21993-4 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21993-4 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PS21993-4 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21993-4/-4A/-4C/-4W
TRANSFER-MOLD TYPE
INSULATED TYPE
Sep. 2008
6
CONTROL (PROTECTION) PART
Note 4 : Short circuit protection works only for the N-side. Please select the external shunt resistance such that the SC trip-level is up to 1.7
times of the current rating.
5: Fault signal is asserted only corresponding to a SC or a UV failure at N-side, and the Fo pulse width is different for each failure modes.
For SC failure, Fo output is with a fixed width of 20
µs(min), but for UV failure, Fo outputs continuously during the whole UV period,
however, the minimum Fo pulse width is 20
µs(min) for very short UV period less than 20µs.
Symbol
ID
VFOH
VFOL
VSC(ref)
IIN
UVDBt
UVDBr
UVDt
UVDr
tFO
Vth(on)
Vth(off)
Vth(hys)
Parameter
Condition
Limits
Unit
VD = VDB = 15V
VIN = 5V
VSC = 0V, FO terminal pull-up to 5V by 10k
VSC = 1V, IFO = 1mA
VD = 15V
(Note 4)
VIN = 5V
Trip level
Reset level
Trip level
Reset level
(Note 5)
Applied between UP, VP, WP, UN, VN, WN-VNC
4.9
0.43
0.70
10.0
10.5
10.3
10.8
20
0.8
0.35
0.48
1.00
2.1
1.3
0.65
2.80
0.55
2.80
0.55
0.95
0.53
1.50
12.0
12.5
12.5
13.0
2.6
Min.
Typ.
Max.
mA
mA
mA
mA
V
V
V
mA
V
V
V
V
µs
V
V
V
VD = VDB = 15V
VIN = 0V
Tj
≤ 125°C
Circuit current
Fault output voltage
Short circuit trip level
Control supply under-voltage
protection
Fault output pulse width
ON threshold voltage
OFF threshold voltage
ON/OFF threshold hysteresis
voltage
Total of VP1-VNC, VN1-VNC
VUFB-U, VVFB-V, VWFB-W
Total of VP1-VNC, VN1-VNC
VUFB-U, VVFB-V, VWFB-W
Input current
Note 7: Flatness measurement position
+–
+
Heat sink side
Heat sink side
4.6mm
Measurement position
17.5mm
Mounting screw : M3
(Note 6)
Condition
Parameter
Limits
Mounting torque
Weight
Heat-sink flatness
Min.
MECHANICAL CHARACTERISTICS AND RATINGS
Typ.
Max.
0.59
–50
Unit
10
0.78
100
N·m
g
µm
Recommended : 0.69 N·m
(Note 7)
Note 6 : Plain washers (ISO 7089~7094) are recommended.


Similar Part No. - PS21993-4

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21993-4AE MITSUBISHI-PS21993-4AE Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
PS21993-4CE MITSUBISHI-PS21993-4CE Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
PS21993-4E MITSUBISHI-PS21993-4E Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
PS21993-4EW MITSUBISHI-PS21993-4EW Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PS21993-4

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21961-T MITSUBISHI-PS21961-T Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21963-EST MITSUBISHI-PS21963-EST_09 Datasheet
130Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21964-T MITSUBISHI-PS21964-T_09 Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21963-ET MITSUBISHI-PS21963-ET_09 Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21994-4 MITSUBISHI-PS21994-4 Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21963-T MITSUBISHI-PS21963-T_09 Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21965-ST MITSUBISHI-PS21965-ST_09 Datasheet
130Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21965-T MITSUBISHI-PS21965-T_09 Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21963-ST MITSUBISHI-PS21963-ST_09 Datasheet
131Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21961-ST MITSUBISHI-PS21961-ST Datasheet
131Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com