Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21965-T Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # PS21965-T
Description  Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21965-T Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button PS21965-T_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21965-T_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21965-T_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21965-T_09 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21965-T_09 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21965-T_09 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21965-T_09 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21965-T_09 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PS21965-T_09 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21965-T/-AT/-CT/-TW
TRANSFER-MOLD TYPE
INSULATED TYPE
Mar. 2009
9
MCU
10k
UP,VP,WP,UN,VN,WN
VNC(Logic)
Fo
DIPIPM
5V line
3.3k
Ω (min)
Error output Fo
Output current Ic
Control supply voltage VDB
Protection circuit state
Control input
c6
c1
c2
c4
c5
c3
RESET
UVDBt
UVDBr
SET
RESET
High-level (no fault output)
N
DIPIPM
Wiring inductance should be less than 10nH.
Shunt resistor
Equivalent to the inductance of a copper
pattern in dimension of width=3mm,
thickness=100
µm, length=17mm
Please make the GND wiring connection
of shunt resistor to the VNC terminal
as close as possible.
VNC
[C] Under-Voltage Protection (Upper-side, UVDB)
c1. Control supply voltage rising : After the voltage level reaches UVDBr, the circuits start to operate when next input is applied.
c2. Normal operation : IGBT ON and carrying current.
c3. Under voltage trip (UVDBt).
c4. IGBT OFF in spite of control input signal level, but there is no FO signal outputs.
c5. Under voltage reset (UVDBr).
c6. Normal operation : IGBT ON and carrying current.
Fig. 9 RECOMMENDED MCU I/O INTERFACE CIRCUIT
Note : The setting of RC coupling at each input (parts shown dotted) depends on the PWM control scheme and the
wiring impedance of the printed circuit board.
The DIPIPM input section integrates a 3.3k
Ω (min) pull-down resistor. Therefore, when using an external fil-
tering resistor, pay attention to the turn-on threshold voltage.
Fig. 10 WIRING CONNECTION OF SHUNT RESISTOR
Fault output Fo
Output current Ic
LVIC temperature
Protection circuit state
Control input
d1
d3
d4
d6
d5
d2
RESET
OTrh
OTt
SET
[D] Over Temperature Protection (Lower-side, OT)
d1. Normal operation : IGBT ON and carrying current.
d2. LVIC temperature exceeds over temperature trip level (OTt).
d3. IGBT OFF in spite of control input condition.
d4. FO outputs during over temperature period, however, the minimum pulse width is 20
µs.
d5. LVIC temperature becomes under over temperature reset level.
d6. Circuits start to operate normally when next input is applied.


Similar Part No. - PS21965-T_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21965-T MITSUBISHI-PS21965-T Datasheet
183Kb / 10P
   600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
More results

Similar Description - PS21965-T_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21961-T MITSUBISHI-PS21961-T Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21963-EST MITSUBISHI-PS21963-EST_09 Datasheet
130Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21964-T MITSUBISHI-PS21964-T_09 Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21963-ET MITSUBISHI-PS21963-ET_09 Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21994-4 MITSUBISHI-PS21994-4 Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21963-T MITSUBISHI-PS21963-T_09 Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21965-ST MITSUBISHI-PS21965-ST_09 Datasheet
130Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21963-ST MITSUBISHI-PS21963-ST_09 Datasheet
131Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21993-4 MITSUBISHI-PS21993-4 Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21961-ST MITSUBISHI-PS21961-ST Datasheet
131Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com