Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21963-AT Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # PS21963-AT
Description  Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21963-AT Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button PS21963-AT Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21963-AT Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21963-AT Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21963-AT Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21963-AT Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21963-AT Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21963-AT Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21963-AT Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PS21963-AT Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21963-T/-AT/-CT/-TW
TRANSFER-MOLD TYPE
INSULATED TYPE
Mar. 2009
10
Fig. 11 AN EXAMPLE OF TYPICAL DIPIPM APPLICATION CIRCUIT
15V line
WOUT
VOUT
C3
C2
C2
C2
C1
C1
C1
UOUT
WP
VWB
VP
VVB
5V line
UP
COM
UOUT
VOUT
WOUT
GND
F
o
WN
VN
VCC
C
B
A
R1
N1
C4
CIN
N
W
V
U
P
VWS
VVS
VUS
VUB
VCC
Fo
WN
VN
UN
UN
WP
VP
UP
VNC
VNC
VN1
VP1
VUFB
VVFB
VWFB
C3
HVIC
LVIC
Shunt
resistor
Long wiring here might cause SC
level fluctuation and malfunction.
C1: Electrolytic capacitor with good temperature characteristics
0.22~2
µF R-category ceramic capacitor for noise filtering
C2,C3:
Long GND wiring here might
generate noise to input and
cause IGBT malfunction.
Long wiring here might
cause short-circuit.
Long wiring here might
cause short-circuit.
M
M
Bootstrap negative
electrodes should be
connected to U, V, W
terminals directly and
separated from the
main output wires.
Note 1 : Input drive is High-Active type. There is a 3.3k
Ω(min.) pull-down resistor integrated in the IC input circuit. To prevent malfunction, the
wiring of each input should be as short as possible. When using RC coupling circuit, make sure the input signal level meet the turn-on
and turn-off threshold voltage.
2: Thanks to HVIC inside the module, direct coupling to MCU without any opto-coupler or transformer isolation is possible.
3: FO output is open drain type. It should be pulled up to the positive side of a 5V power supply by a resistor of about 10k
Ω.
4: To prevent erroneous protection, the wiring of A, B, C should be as short as possible.
5: The time constant R1C4 of the protection circuit should be selected in the range of 1.5-2
µs. SC interrupting time might vary with the
wiring pattern. Tight tolerance, temp-compensated type is recommended for R1, C4.
6: All capacitors should be mounted as close to the terminals of the DIPIPM as possible. (C1: good temperature, frequency character-
istic electrolytic type, and C2, C3: good temperature, frequency and DC bias characteristic ceramic type are recommended.)
7: To prevent surge destruction, the wiring between the smoothing capacitor and the P, N1 terminals should be as short as possible.
Generally a 0.1-0.22
µF snubber between the P-N1 terminals is recommended.
8: Two VNC terminals (9 & 16 pin) are connected inside DIPIPM, please connect either one to the 15V power supply GND outside and
leave another one open.
9: It is recommended to insert a Zener diode (24V/1W) between each pair of control supply terminals to prevent surge destruction.
10 : If control GND is connected to power GND by broad pattern, it may cause malfunction by power GND fluctuation. It is recommended
to connect control GND and power GND at only a point.


Similar Part No. - PS21963-AT

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21963-AT MITSUBISHI-PS21963-AT Datasheet
183Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results

Similar Description - PS21963-AT

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21961-T MITSUBISHI-PS21961-T Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21963-EST MITSUBISHI-PS21963-EST_09 Datasheet
130Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21964-T MITSUBISHI-PS21964-T_09 Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21963-ET MITSUBISHI-PS21963-ET_09 Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21994-4 MITSUBISHI-PS21994-4 Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21965-ST MITSUBISHI-PS21965-ST_09 Datasheet
130Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21965-T MITSUBISHI-PS21965-T_09 Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21963-ST MITSUBISHI-PS21963-ST_09 Datasheet
131Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21993-4 MITSUBISHI-PS21993-4 Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21961-ST MITSUBISHI-PS21961-ST Datasheet
131Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com