Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ-N404RD Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BQ-N404RD
Description  10.16mm (0.40) high four digit seven segments display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BQ-N404RD Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BQ-N404RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BQ-N404RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BQ-N404RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BQ
Q--N
N4
40
04
4R
RD
D
Ver.1.0 Page 2 of 3
SINCE 1981
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation Per Segment
Pd
80
mW
Forward Current Per Segment
IF
30
mA
Peak Forward Current Per Segment
IFP
(Duty 1/10, 1KHZ)
150
mA
Reverse Voltage Per Segment
VR
5
V
Operating Temperature
Topr
-40℃~80℃
-
Storage Temperature
Tstg
-40℃~85℃
-
Soldering Temperature
(1/16" From Body)
Tsol
260℃ For 5 Seconds
-
Electrical And Optical Characteristics(Ta=25℃)
Parameter
Symbol Condition
Min.
Typ.
Max.
Unit
Forward Voltage Per Segment
Vf
IF=10mA
-
1.9
2.5
V
Luminous Intensity Per Segment
Iv
IF=10mA
-
3.0
-
mcd
Reverse Current Per Segment
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=10mA
-
640
-
nm
Dominant Wave Length
λ
d
IF=10mA
626
-
636
nm
Spectral Line Half-width
∆λ
IF=10mA
-
40
-
nm
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BQ-N404RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BQ-N404RD ETC-BQ-N404RD Datasheet
123Kb / 1P
   FOUR DIGIT LED DISPLAYS
More results

Similar Description - BQ-N404RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BQ-M40DRD BRIGHT-BQ-M40DRD Datasheet
241Kb / 3P
   10.16mm (0.40) high four digit seven segments display
BQ-N403RD BRIGHT-BQ-N403RD Datasheet
217Kb / 3P
   10.16mm (0.40) high four digit seven segments display
BQ-N402RD BRIGHT-BQ-N402RD Datasheet
218Kb / 3P
   10.16mm (0.40) high four digit seven segments display
BQ-N406RD BRIGHT-BQ-N406RD Datasheet
218Kb / 3P
   10.16mm (0.40) high four digit seven segments display
BQ-N40DRD BRIGHT-BQ-N40DRD Datasheet
216Kb / 3P
   10.16mm (0.40) high four digit seven segments display
BS-A402RD BRIGHT-BS-A402RD Datasheet
200Kb / 3P
   10.16mm(0.40) high single digit seven segments display.
BS-C404RD BRIGHT-BS-C404RD Datasheet
193Kb / 3P
   10.16mm(0.40) high single seven segments display
BS-C406RD BRIGHT-BS-C406RD Datasheet
155Kb / 3P
   10.16mm(0.40) high single seven segments display
BT-M405RD BRIGHT-BT-M405RD Datasheet
245Kb / 3P
   10.20mm(0.40) high three digit seven segments display
BT-M406RD BRIGHT-BT-M406RD Datasheet
174Kb / 3P
   10.20mm(0.40) high three digit seven segments display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com