Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6L74T Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6L74T
Description  2 MHz, 150 關A Op Amps
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L74T Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6L74T Datasheet HTML 4Page - Microchip Technology MCP6L74T Datasheet HTML 5Page - Microchip Technology MCP6L74T Datasheet HTML 6Page - Microchip Technology MCP6L74T Datasheet HTML 7Page - Microchip Technology MCP6L74T Datasheet HTML 8Page - Microchip Technology MCP6L74T Datasheet HTML 9Page - Microchip Technology MCP6L74T Datasheet HTML 10Page - Microchip Technology MCP6L74T Datasheet HTML 11Page - Microchip Technology MCP6L74T Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MCP6L71/1R/2/4
DS22145A-page 8
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD =5.0V, VSS = GND, VCM =VDD/2, VOUT ≈ VDD/2, VL =VDD/2,
RL =10kΩ to VL and CL =60 pF.
FIGURE 2-7:
Input Current vs. Input
Voltage.
FIGURE 2-8:
Open-Loop Gain, Phase vs.
Frequency.
FIGURE 2-9:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-10:
The MCP6L71/1R/2/4 Show
No Phase Reversal.
FIGURE 2-11:
Quiescent Current vs.
Supply Voltage.
FIGURE 2-12:
Output Short Circuit Current
vs. Supply Voltage.
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
Input Voltage (V)
+125°C
+85°C
+25°C
-40°C
10m
1m
100µ
10µ
100n
10n
1n
100p
10p
1p
-20
0
20
40
60
80
100
120
Frequency (Hz)
-210
-180
-150
-120
-90
-60
-30
0
Gain
Phase
0.1
1
10
100
1k 10k 100k 1M 10M
10
100
1,000
1.E-
01
1.E+0
0
1.E+0
1
1.E+0
2
1.E+0
3
1.E+0
4
1.E+0
5
1.E+0
6
Frequency (Hz)
0.1
100
10
1k
100k
10k
1M
1
-1
0
1
2
3
4
5
6
Time (1 ms/div)
V
DD = 5.0V
G = +2 V/V
VIN
V
OUT
0
50
100
150
200
250
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
T
A = +125°C
T
A = +85°C
TA = +25°C
T
A = -40°C
0
5
10
15
20
25
30
35
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
TA = +125°C
TA = +85°C
T
A = +25°C
TA = -40°C


Similar Part No. - MCP6L74T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6L74T-E/MS MICROCHIP-MCP6L74T-E/MS Datasheet
934Kb / 40P
   2 MHz, 150 μA Op Amps
Revision B October 2019
MCP6L74T-E/OT MICROCHIP-MCP6L74T-E/OT Datasheet
934Kb / 40P
   2 MHz, 150 μA Op Amps
Revision B October 2019
MCP6L74T-E/SL MICROCHIP-MCP6L74T-E/SL Datasheet
934Kb / 40P
   2 MHz, 150 μA Op Amps
Revision B October 2019
MCP6L74T-E/SN MICROCHIP-MCP6L74T-E/SN Datasheet
934Kb / 40P
   2 MHz, 150 μA Op Amps
Revision B October 2019
MCP6L74T-E/ST MICROCHIP-MCP6L74T-E/ST Datasheet
934Kb / 40P
   2 MHz, 150 μA Op Amps
Revision B October 2019
More results

Similar Description - MCP6L74T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6L71 MICROCHIP-MCP6L71_V01 Datasheet
934Kb / 40P
   2 MHz, 150 μA Op Amps
Revision B October 2019
MCP6V27 MICROCHIP-MCP6V27 Datasheet
1Mb / 46P
   620 關A, 2 MHz Auto-Zeroed Op Amps
2011
MCP6V76 MICROCHIP-MCP6V76 Datasheet
1Mb / 48P
   170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
MCP6V26 MICROCHIP-MCP6V26 Datasheet
2Mb / 50P
   620 關A, 2 MHz Auto-Zeroed Op Amps
08/02/11
MCP6L01 MICROCHIP-MCP6L01 Datasheet
527Kb / 32P
   1 MHz, 85 關A Op Amps
2009
MCP6401 MICROCHIP-MCP6401_10 Datasheet
1Mb / 38P
   1 MHz, 45 關A Op Amps
2010
MCP6L91 MICROCHIP-MCP6L91 Datasheet
480Kb / 30P
   10 MHz, 850 關A Op Amps
2009
MCP6L1 MICROCHIP-MCP6L1 Datasheet
483Kb / 32P
   2.8 MHz, 200 關A Op Amps
2009
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
   80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
MCP6401 MICROCHIP-MCP6401 Datasheet
497Kb / 28P
   1 MHz, 45 A Op Amps
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com