Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25AA128 Datasheet(PDF) 5 Page - Microchip Technology

Part # 25AA128
Description  128K SPI Bus Serial EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA128 Datasheet(HTML) 5 Page - Microchip Technology

  25AA128 Datasheet HTML 1Page - Microchip Technology 25AA128 Datasheet HTML 2Page - Microchip Technology 25AA128 Datasheet HTML 3Page - Microchip Technology 25AA128 Datasheet HTML 4Page - Microchip Technology 25AA128 Datasheet HTML 5Page - Microchip Technology 25AA128 Datasheet HTML 6Page - Microchip Technology 25AA128 Datasheet HTML 7Page - Microchip Technology 25AA128 Datasheet HTML 8Page - Microchip Technology 25AA128 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© 2009 Microchip Technology Inc.
DS21831D-page 5
25AA128/25LC128
FIGURE 1-1:
HOLD TIMING
FIGURE 1-2:
SERIAL INPUT TIMING
FIGURE 1-3:
SERIAL OUTPUT TIMING
CS
SCK
SO
SI
HOLD
17
16
16
17
19
18
Don’t Care
5
High-Impedance
n + 2
n + 1
n
n - 1
n
n + 2
n + 1
n
n
n - 1
CS
SCK
SI
SO
6
5
8
7
11
3
LSB in
MSB in
High-Impedance
12
Mode 1,1
Mode 0,0
2
4
CS
SCK
SO
10
9
13
MSB out
ISB out
3
15
Don’t Care
SI
Mode 1,1
Mode 0,0
14


Similar Part No. - 25AA128

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA128 MICROCHIP-25AA128 Datasheet
553Kb / 26P
   128K SPI Bus Serial EEPROM
2007
25AA128-E/MF MICROCHIP-25AA128-E/MF Datasheet
553Kb / 26P
   128K SPI Bus Serial EEPROM
2007
25AA128-E/P MICROCHIP-25AA128-E/P Datasheet
553Kb / 26P
   128K SPI Bus Serial EEPROM
2007
25AA128-E/SN MICROCHIP-25AA128-E/SN Datasheet
553Kb / 26P
   128K SPI Bus Serial EEPROM
2007
25AA128-E/ST MICROCHIP-25AA128-E/ST Datasheet
553Kb / 26P
   128K SPI Bus Serial EEPROM
2007
More results

Similar Description - 25AA128

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA128 MICROCHIP-25AA128 Datasheet
553Kb / 26P
   128K SPI Bus Serial EEPROM
2007
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
   Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LA322 SANYO-LE25LA322 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25LB2562M SANYO-LE25LB2562M_10 Datasheet
254Kb / 14P
   256Kbit Serial SPI EEPROM (SPI Bus)
LE25CB1282M SANYO-LE25CB1282M Datasheet
297Kb / 13P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25CA322 SANYO-LE25CA322 Datasheet
223Kb / 14P
   Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25CB5122M SANYO-LE25CB5122M Datasheet
256Kb / 13P
   Serial SPI EEPROM (SPI Bus)(512Kbit)
logo
Microchip Technology
25AA256 MICROCHIP-25AA256_07 Datasheet
598Kb / 26P
   256K SPI Bus Serial EEPROM
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com