Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

580-22.0M-3B35G Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 580-22.0M-3B35G
Description  Clipped Sine Wave
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

580-22.0M-3B35G Datasheet(HTML) 2 Page - Oscilent Corporation

  580-22.0M-3B35G Datasheet HTML 1Page - Oscilent Corporation 580-22.0M-3B35G Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
PIN CONNECTIONS
#1 Control Voltage (VCTCXO)
or N.C. (TCXO)
#2 Case Ground
#3 Output
#4 VDD
PART NUMBER GUIDE
Series
Number
Frequency
Voltage Supply
Option
Frequency Stability
(max.)
Operating Temp.
(°C)
Pin 1 Connection
580
- 22.0 M
- 3
15
A
- NC
Oscilent
11.8 x 9.9mm
Enter your desired
frequency e.g. 22.0M
= 22.000MHz
5 = 5.0 ±10%VDC
3 = 3.3 ±10%VDC
3B = 3.3 ±5%VDC
3C = 3.0 ±5%VDC
15 =
±1.5 PPM
20 =
±2.0 PPM
25 =
±2.5 PPM
35 =
±3.5 PPM
A =
0 ~ +50
G =
-30 ~ +75
J =
-25 ~ +75
K =
-30 ~ +85
L =
-40 ~ +75
NC = No Connection
(TCXO)
VC = Voltage Control
(VCTCXO)
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above for definitions of that particular characteristic.
*STANDARDS: - "Blank" part number selections indicate standard variables for that particular characteristic.
PACKAGING: - Add -TR for Tape/Reel. Click here for tape/reel specifications
Oscilent Corporation - CALL 949.252.0522
18195 East McDurmott Street . Building D . Irvine . CA 92614 . USA
Fax: 949.252.0599 . E-Mail: Sales@Oscilent.com
Series No.: 580
Page 2 of 2
Oscilent Corporation | 580 Series TCXO - Temperature Compensated Crystal Oscillator ...


Similar Part No. - 580-22.0M-3B35G

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
580-22.0M-3B15A-NC OSCILENT-580-22.0M-3B15A-NC Datasheet
144Kb / 2P
   Clipped Sine Wave
580-22.0M-3B15G-NC OSCILENT-580-22.0M-3B15G-NC Datasheet
144Kb / 2P
   Clipped Sine Wave
580-22.0M-3B20A-NC OSCILENT-580-22.0M-3B20A-NC Datasheet
144Kb / 2P
   Clipped Sine Wave
580-22.0M-3B20G-NC OSCILENT-580-22.0M-3B20G-NC Datasheet
144Kb / 2P
   Clipped Sine Wave
580-22.0M-3B25A-NC OSCILENT-580-22.0M-3B25A-NC Datasheet
144Kb / 2P
   Clipped Sine Wave
More results

Similar Description - 580-22.0M-3B35G

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
581-15.0M-315A OSCILENT-581-15.0M-315A Datasheet
134Kb / 2P
   Clipped Sine Wave
582-19.6608M-315A OSCILENT-582-19.6608M-315A Datasheet
141Kb / 2P
   Clipped Sine Wave
582 OSCILENT-582 Datasheet
141Kb / 2P
   Clipped Sine Wave
581 OSCILENT-581 Datasheet
134Kb / 2P
   Clipped Sine Wave
580 OSCILENT-580 Datasheet
144Kb / 2P
   Clipped Sine Wave
logo
QUARTZCOM the communica...
TX7-302 QUARTZCOM-TX7-302 Datasheet
231Kb / 1P
   SMD TCXO Clipped sine wave Output signal clipped sine wave
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
TX7-252 QUARTZCOM-TX7-252 Datasheet
304Kb / 1P
   Miniature SMD TCXO Clipped sine wave Output signal clipped sine wave
VT7-705-C QUARTZCOM-VT7-705-C Datasheet
101Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-252 QUARTZCOM-VT7-252 Datasheet
115Kb / 1P
   Miniature SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com