Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM100CL1A120 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PM100CL1A120
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM100CL1A120 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PM100CL1A120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM100CL1A120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM100CL1A120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM100CL1A120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM100CL1A120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM100CL1A120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM100CL1A120 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM100CL1A120 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM100CL1A120 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM100CL1A120
FLAT-BASE TYPE
INSULATED PACKAGE
May 2009
4
–20
≤ Tj ≤ 125°C
VD = 15V, VCIN = 15V
(Note-2)
VD = 15V
(Note-2)
Vth(ON)
Vth(OFF)
SC
toff(SC)
OT
OT(hys)
UV
UVr
IFO(H)
IFO(L)
tFO
Trip level
Hysteresis
Trip level
Reset level
–20
≤ Tj ≤ 125°C, VD = 15V
(Fig. 3,6)
VD = 15V
(Fig. 3,6)
VD = 15V, VCIN = 15V
Applied between : UP-VUPC, VP-VVPC, WP-VWPC
UN • VN • WN-VNC
ID
°C
V
mA
ms
12
4
1.8
2.3
12.5
0.01
15
mA
Circuit Current
Input ON Threshold Voltage
Input OFF Threshold Voltage
Short Circuit Trip Level
Short Circuit Current Delay
Time
Over Temperature Protection
Supply Circuit Under-Voltage
Protection
Fault Output Current
Minimum Fault Output Pulse
Width
CONTROL PART
1.2
1.7
200
135
11.5
1.0
Parameter
Symbol
Condition
Max.
Min.
Typ.
Unit
Limits
6
2
1.5
2.0
0.2
20
12.0
12.5
10
1.8
(Note-2) Fault output is given only when the internal SC, OT & UV protections schemes of either upper or lower arm device operate to
protect it.
V
µs
VN1-VNC
V*P1-V*PC
A
3.5
3.5
Mounting part
screw : M5
Main terminal part
screw : M5
Symbol
Parameter
Mounting torque
Weight
Condition
Unit
N • m
N • m
g
Limits
Min.
Typ.
Max.
2.5
2.5
3.0
3.0
800
MECHANICAL RATINGS AND CHARACTERISTICS
RECOMMENDED CONDITIONS FOR USE
Recommended value
Unit
Condition
Symbol
Parameter
V
Applied across P-N terminals
Applied between : VUP1-VUPC, VVP1-VVPC
VWP1-VWPC, VN1-VNC
(Note-3)
Applied between : UP-VUPC, VP-VVPC, WP-VWPC
UN • VN • WN-VNC
Using Application Circuit of Fig. 8
Supply Voltage
Control Supply Voltage
Input ON Voltage
Input OFF Voltage
PWM Input Frequency
≤ 800
15.0
± 1.5
≤ 0.8
≥ 9.0
≤ 20
VCC
VCIN(ON)
VCIN(OFF)
fPWM
VD
V
V
kHz
(Note-3) With ripple satisfying the following conditions: dv/dt swing
≤ ±5V/µs, Variation ≤ 2V peak to peak
tdead
Arm Shoot-through Blocking
Time
For IPM’s each input signals
(Fig. 7)
≥ 2.5
µs
≤ ± 5V/µs
≤ 2V
GND
15V
Detect Temperature of IGBT chip


Similar Part No. - PM100CL1A120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM100CL1A120 POWEREX-PM100CL1A120 Datasheet
669Kb / 6P
   Intellimod L-Series Three Phase IGBT Inverter 100 Amperes/1200 Volts
More results

Similar Description - PM100CL1A120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com