Electronic Components Datasheet Search |
|
531-20.0M-515B Datasheet(PDF) 1 Page - Oscilent Corporation |
|
531-20.0M-515B Datasheet(HTML) 1 Page - Oscilent Corporation |
1 / 3 page TXCO Surface Mount Series Number Package Description Last Modified 531 ~ 534 Surface Mount HCMOS / TTL / Clipped Sine Jan. 01 2007 FEATURES - High stable output over wide temperature range - 4.0mm maximum height - Industry standard footprint layout - RoHs / Lead Free compliant OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS PARAMETERS CONDITIONS 531 532 533 534 UNITS Output - TTL HCMOS Clipped Sine Compatible* - Frequency Range fo 1.2 ~ 100.0 10.0 ~ 27.0 1.2 ~ 100.0 MHz Output Load 10TTL Load or 15pF HCMOS Load Max. 20K ohm // 5pF - - Level High 2.4 VDC min. VDD -0.5 VDC min. 1.0 Vp-p min. - - Low 0.4 VDC max. 0.5 VDC max. Frequency Stability Vs. Temp Range See Table 1 - Vs. Input Voltage (5%) ±0.5 max. PPM Vs. Load ±0.3 max. PPM Vs. Aging (@+25°C) ±1.0 per year PPM Input Voltage +5.0 ±5% VDC Current 20 max. 3 max. - mA Frequency Adjustment - ±3.0 min. PPM Rise Time / Fall Time - 10 max. - - nS Duty Cycle - 50 ±10% max. - - - Storage Temperature (TSTG) -40 ~ +85 °C Control Voltage - 2.5 ±2.0 Positive Transfer Characteristic VDC *Compatible (534 Series) meets TTL and HCMOS mode simultaneously TABLE 1 - FREQUENCY STABILITY - TEMPERATURE TOLERANCE P/N Code Temperature Range Frequency Stability (PPM) 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 A 0 ~ +50°C x x x x x x x x B -10 ~ +60°C -x x x x x x x x C -10 ~ +70°C - x x x x x x x D -20 ~ +70°C - x x x x x x x E -30 ~ +60°C - - x x x x x x F -30 ~ +70°C - - x x x x x x G -30 ~ +75°C - - x x x x x x H -40 ~ +80°C - - - - x x x x x available all Frequency Page 1 of 3 Oscilent Corporation | 531 - 534 Series TCXO - Temperature Compensated Crystal Oscill... |
Similar Part No. - 531-20.0M-515B |
|
Similar Description - 531-20.0M-515B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |