Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM75CL1B120 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PM75CL1B120
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM75CL1B120 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PM75CL1B120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM75CL1B120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM75CL1B120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM75CL1B120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM75CL1B120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM75CL1B120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM75CL1B120 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM75CL1B120 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM75CL1B120 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
May 2009
1
MITSUBISHI <INTELLIGENT POWER MODULES>
PM75CL1B120
FLAT-BASE TYPE
INSULATED PACKAGE
PM75CL1B120
APPLICATION
General purpose inverter, servo drives and other motor controls
PACKAGE OUTLINES
Dimensions in mm
22
7.75
98.25
2.5
23
23
23
19.5
L A B E L
17
16
3
9.5
1.5
1. VUPC
2. UFO
3. UP
4. VUP1
5. VVPC
6. VFO
7. VP
8. VVP1
9. VWPC
10. WFO
11. WP
12. VWP1
13. VNC
14. VN1
15. NC
16. UN
17. VN
18. WN
19. Fo
Terminal code
19-
■0.5
106 ±0.25
66.5
19.75
3.25
7
4
44
44
44
4
16
15.25
6-2
3-2
3-2
3-2
16
16
120
BU
V
W
13
9
5
119
4-φ
2.5
MOUNTING HOLES
2-
φ5.5
FEATURE
Inverter + Drive & Protection IC
a) Adopting new 5th generation Full-Gate CSTBTTM chip
b) The over-temperature protection which detects the chip sur-
face temperature of CSTBTTM is adopted.
c) Error output signal is possible from all each protection up-
per and lower arm of IPM.
d) Compatible L-series package.
•3
φ 75A, 1200V Current-sense and temperature sense
IGBT type inverter
• Monolithic gate drive & protection logic
• Detection, protection & status indication circuits for, short-
circuit, over-temperature & under-voltage (P-FO available
from upper arm devices)
• UL Recognized


Similar Part No. - PM75CL1B120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM75CL1B120 POWEREX-PM75CL1B120 Datasheet
612Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 75 Amperes/1200 Volts
More results

Similar Description - PM75CL1B120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com