Part Name
         Description
PM75CL1A120

 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE ( 9 Page)


MITSUBISHI
100% 
Zoom Out Zoom In
   
 5 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM75CL1A120
FLAT-BASE TYPE
INSULATED PACKAGE
May 2009
5
PRECAUTIONS FOR TESTING
1. Before applying any control supply voltage (VD), the input terminals should be pulled up by resistors, etc. to their corre-
sponding supply voltage and each input signal should be kept off state.
After this, the specified ON and OFF level setting for each input signal should be done.
2. When performing “SC” tests, the turn-off surge voltage spike at the corresponding protection operation should not be al-
lowed to rise above VCES rating of the device.
(These test should not be done by using a curve tracer or its equivalent.)
P, (U,V,W)
U,V,W, (N)
U,V,W, (N)
VD (all)
IN
Fo
IN
Fo
VD (all)
VCIN
(0V)
Ic
V
V
P, (U,V,W)
VCIN
(15V)
Ic
Fig. 7 Dead time measurement point example
Fig. 1 VCE(sat) Test
Fig. 2 VEC, (VFM) Test
0V
1.5V
1.5V
1.5V
2V
2V
2V
0V
t
t
tdead
tdead
tdead
1.5V: Input on threshold voltage Vth(on) typical value, 2V: Input off threshold voltage Vth(off) typical value
IPM’ input signal VCIN
(Upper Arm)
IPM’ input signal VCIN
(Lower Arm)
10%
90%
trr
Irr
tr
td(on)
tc(on)
tc(off)
td(off)
VCIN
Ic
VCE
10%
10%
10%
90%
tf
(ton = td(on) + tr)
(toff = td(off) + tf)
Fo
P
N
N
CS
CS
U,V,W
Vcc
Vcc
Ic
Ic
VD (all)
VD (all)
P
U,V,W
VCIN
VCIN
VCIN
(15V)
VCIN
(15V)
Fo
Fig. 3 Switching Time and SC Test Circuit
Fig. 4 Switching Time Test Waveform
a) Lower Arm Switching
Signal input
(Upper Arm)
Signal input
(Lower Arm)
Signal input
(Upper Arm)
Signal input
(Lower Arm)
b) Upper Arm Switching
VCIN
Fig. 5 ICES Test
Fig. 6 SC Test Waveform
SC Trip
Short Circuit Current
toff(SC)
VD (all)
U,V,W, (N)
P, (U,V,W)
A
Pulse
VCE
VCIN
(15V)
Ic
Fo
IN
Fo
Constant Current
Fo
Fo



Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl