Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

861-RF1960.0M-B Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 861-RF1960.0M-B
Description  US-PCS Rx, Balanced RF SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

861-RF1960.0M-B Datasheet(HTML) 1 Page - Oscilent Corporation

  861-RF1960.0M-B Datasheet HTML 1Page - Oscilent Corporation 861-RF1960.0M-B Datasheet HTML 2Page - Oscilent Corporation 861-RF1960.0M-B Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.
. .
.
RF SAW Filter
Part Number
Package
Application
Last Modified
861-RF1960.0M-B
2.5 x 2.0 SMD
US-PCS Rx
Mar. 14, 2007
TYPE :
US-PCS Rx, Balanced RF SAW Filter
PART NUMBER :
861-RF1960.0M-B
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
Condition
Minimum
Typical
Maximum
Units
Center Frequency (Fo)
-
-
1960.0
-
MHz
Maximum Insertion Loss
1930.0~ 1990.0 MHz
-
3.3
4.0
dB
Attenuation:
D.C.~ 1000.0 MHz
45
55
-
dB
1000.0~1830.0 MHz
25
30
-
1830.0~ 1900.0MHz
15
25
-
1900.0~ 1910.0 MHz
7
15
-
2010.0~ 2030.0 MHz
5
7.5
-
2030.0~ 2070.0 MHz
12
17
-
2070.0~ 2310.0 MHz
20
22
-
2310.0~ 2380.0 MHz
33
36
-
2380.0~ 4600.0 MHz
30
44
-
4600.0~ 6000.0 MHz
23
50
-
Source Impedence (single ended)*
-
-
50
-
ohm
Load Impendance (Balanced ended)*
-
-
200//3.3nH
-
ohm
Input VSWR
1930.0~ 1990.0 MHz
-
1.7
2.4
-
Output VSWR
1930.0~ 1990.0 MHz
-
2.0
2.4
-
Amplitude Ripple
1930.0~ 1990.0 MHz
-
0.7
2.4
dBp-p
Maximum DC Voltage
-
-
-
5
V
Maximum Input Power
-
-
-
12
dBm
Operating Temperature
-
-30
-
+85
ºC
Symmetry in Band
1930.0~ 1990.0 MHz
-
Output Amplitude Balance (l S31/S21 l)
-
-2.2
0
2.2
dB
Output Phase Balance (φ(S31)-φ(S21)+180º)
-
-15
0
15
degree
*With Matching Network
PACKAGE OUTLINE (mm)
PIN LAYOUT
A
-
B
Ground
C
Out
D
Out
E
Ground
F
-
Page 1 of 3
Oscilent Corporation RF SAW Filter | 861-RF1960.0M-B


Similar Part No. - 861-RF1960.0M-B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
861-RF1842.5M-C OSCILENT-861-RF1842.5M-C Datasheet
498Kb / 3P
   PCN, Balanced RF SAW Filter
More results

Similar Description - 861-RF1960.0M-B

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA1960BL1 TRANSKO-TA1960BL1 Datasheet
437Kb / 4P
   US-PCS Rx, Balanced RF SAW Filter
Revision 0:
TA1960CM3 TRANSKO-TA1960CM3 Datasheet
399Kb / 3P
   US-PCS, Balanced RF-Rx SAW Filter
Revision 0: July 2007
TA1960JM TRANSKO-TA1960JM Datasheet
478Kb / 4P
   US-PCS, RF-Rx SAW Filter
Revision 0: August 2012
TA1960AM TRANSKO-TA1960AM Datasheet
398Kb / 4P
   US-PCS, RF-Rx SAW Filter
Revision 0:
logo
TEMEX
TMXW349 TEMEX-TMXW349 Datasheet
307Kb / 5P
   SAW Bandpass Filter - US PCS Rx - RF
logo
Transko Electronics, In...
TA1960FQ1 TRANSKO-TA1960FQ1 Datasheet
450Kb / 4P
   PCS, RF-Rx SAW Filter
Revision 0: March 2012
TA1880AM TRANSKO-TA1880AM Datasheet
403Kb / 4P
   US-PCS, RF-Tx SAW Filter
Revision 0:
logo
Oscilent Corporation
802-RF1880.0M-A OSCILENT-802-RF1880.0M-A Datasheet
379Kb / 3P
   US-PCS, RF-Tx SAW Filter
logo
Transko Electronics, In...
TA1855DM TRANSKO-TA1855DM Datasheet
434Kb / 4P
   K-PCS, RF-Rx SAW Filter
Revision 0: January 2002
logo
Oscilent Corporation
802-RF1855.0M-D OSCILENT-802-RF1855.0M-D Datasheet
286Kb / 3P
   K-PCS, RF-Rx SAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com