Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M81721FP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M81721FP
Description  600V HIGH VOLTAGE HALF BRIDGE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M81721FP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M81721FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M81721FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M81721FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M81721FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M81721FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M81721FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M81721FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M81721FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M81721FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Aug. 2009
MITSUBISHI SEMICONDUCTORS <HVIC>
M81721FP
600V HIGH VOLTAGE HALF BRIDGE DRIVER
Note1 : Delay times between input and output signals are not shown in the figure above.
Note2 : The minimum FO pulse width should be more than 500ns (because of FO input filter circuit).
4. FO INPUT TIMING DIAGRAM
When FO is pulled down to low level in case the FO of other phases becomes low level (fault happened) or the MCU/
DSP sets FO to low level, the outputs (HOUT, LOUT) of the driver will be shut down. As soon as FO goes high again,
the output will respond to the following active input signal.
Note1 : Delay times between input and output signals are not shown in the figure above.
5. LOW SIDE VCC SUPPLY POWER RESET SEQUENCE
When the VCC supply voltage is lower than power reset trip voltage, the power reset gets active and the outputs (HOUT/
LOUT) become “L”. As soon as the VCC supply voltage goes higher than the power reset trip voltage, the outputs will re-
spond to the following active input signals.
HIN
LIN
FO
HOUT
LOUT
VCC
HIN
VPOR voltage
LIN
HOUT
LOUT


Similar Part No. - M81721FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81720FP MITSUBISHI-M81720FP Datasheet
77Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81722FP MITSUBISHI-M81722FP Datasheet
79Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81723FP MITSUBISHI-M81723FP Datasheet
78Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81725FP MITSUBISHI-M81725FP Datasheet
70Kb / 6P
   HIGH VOLTAGE HIGH SIDE DRIVER
M81729JFP MITSUBISHI-M81729JFP Datasheet
183Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER FOR AUTOMOTIVE APPLICATIONS
More results

Similar Description - M81721FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81740FP MITSUBISHI-M81740FP Datasheet
265Kb / 10P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384D013TR STMICROELECTRONICS-L6384D013TR Datasheet
153Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81731FP MITSUBISHI-M81731FP Datasheet
79Kb / 6P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
Princeton Technology Co...
PT5606 PTC-PT5606 Datasheet
537Kb / 4P
   600V Half-bridge driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com