Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

862-RF423.7M-B Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 862-RF423.7M-B
Description  CDMA450(D-Band), Balanced RF-Rx SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

862-RF423.7M-B Datasheet(HTML) 2 Page - Oscilent Corporation

  862-RF423.7M-B Datasheet HTML 1Page - Oscilent Corporation 862-RF423.7M-B Datasheet HTML 2Page - Oscilent Corporation 862-RF423.7M-B Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Load Impedance = 100 ohms
Source Impedance = 50 ohms
FREQUENCY RESPONSE
VSWR
SMITH CHART
Page 2 of 3
Oscilent Corporation RF SAW Filter | 862-RF423.7M-B


Similar Part No. - 862-RF423.7M-B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
862-RF423.75M-B OSCILENT-862-RF423.75M-B Datasheet
140Kb / 5P
   CDMA 450 D-Band, Balanced RF/Rx SAW Filter
862-RF423.75M-B OSCILENT-862-RF423.75M-B_14 Datasheet
140Kb / 5P
   CDMA 450 D-Band, Balanced RF/Rx SAW Filter
More results

Similar Description - 862-RF423.7M-B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
862-RF462.5M-D OSCILENT-862-RF462.5M-D Datasheet
391Kb / 3P
   CDMA450, Balanced RF-Rx SAW Filter (C-Band)
logo
Transko Electronics, In...
TA465GM3 TRANSKO-TA465GM3 Datasheet
378Kb / 4P
   CDMA450 A-Band, Balanced RF-Rx SAW Filter
Revision 0: April 2007
TA462FM3 TRANSKO-TA462FM3 Datasheet
306Kb / 4P
   CDMA450 C-Band, Balanced RF-Rx SAW Filter
Revision 0: June 2007
logo
Oscilent Corporation
862-RF463.5M-B OSCILENT-862-RF463.5M-B Datasheet
318Kb / 3P
   CDMA450, Balanced RF-Rx SAW Filter (H-Band)
862-RF427.75M-A OSCILENT-862-RF427.75M-A Datasheet
524Kb / 3P
   CDMA450(E-Band), Balanced RF-Rx SAW Filter
862-RF464.0M-A OSCILENT-862-RF464.0M-A Datasheet
389Kb / 3P
   CDMA450(B-Band), Balanced RF-Rx SAW Filter
862-RF491.2M-B OSCILENT-862-RF491.2M-B Datasheet
584Kb / 3P
   CDMA450 (F-Band), Balanced RF-Rx SAW Filter
logo
Transko Electronics, In...
TA463DM3 TRANSKO-TA463DM3 Datasheet
570Kb / 5P
   CDMA450 H-Band, Balanced RF-Rx SAW Filter
Revision 0: January 2008
logo
Oscilent Corporation
862-RF464.0M-A OSCILENT-862-RF464.0M-A_14 Datasheet
389Kb / 3P
   CDMA450(B-Band), Balanced RF-Rx SAW Filter
862-RF422.25M-A OSCILENT-862-RF422.25M-A Datasheet
302Kb / 3P
   CDMA450, Balanced RF-Rx SAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com