Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ-M426RD Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BQ-M426RD
Description  10.00mm (0.39) high four digit seven segments display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BQ-M426RD Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BQ-M426RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BQ-M426RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BQ-M426RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BQ
Q--M
M4
42
26
6R
RD
D
Ver.1.0 Page 3 of 3
SINCE 1981
Typical Electro-Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Forward Voltage (V)
12
3
45
0
10
20
30
40
50
Fig.2 Forward Current VS.
Forward Voltage
Wavelength(nm)
Fig.1 Relative Radiant Intensity VS. Wavelength
Ambient Temperature Ta( C)
Forward Current(mA)
-40
-20
0
20
40
60
0
0.5
1.0
1.5
2.0
2.5
3.0
Fig.3 Relative Luminous
Intensity VS.
Ambient Temperature
Fig.4 Relative Luminous
Intensity VS.
Forward Current
10
20
30
40
50
1.0
2.0
3.0
0
570
600
0.5
630
660
1.0
750
690
720
Ambient Temperature Ta( C)
Fig.5 Forward Current
0
10
20
40
20
60
40
50
Derating Curve VS.
80
100
30
120
Ambient Temperature
0.0
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BQ-M426RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BQ-M422RD BRIGHT-BQ-M422RD Datasheet
223Kb / 3P
   10.00mm (0.39) high four digit seven segments display
More results

Similar Description - BQ-M426RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BQ-M422RD BRIGHT-BQ-M422RD Datasheet
223Kb / 3P
   10.00mm (0.39) high four digit seven segments display
logo
BetLux Electronics
BL-Q39A-44 BETLUX-BL-Q39A-44 Datasheet
322Kb / 5P
   10.00mm (0.39) Four digit and Over Seven Segment LED display series
BL-Q39E-42 BETLUX-BL-Q39E-42 Datasheet
323Kb / 5P
   10.00mm (0.39) Four digit and Over Seven Segment LED display series
BL-Q39C-42 BETLUX-BL-Q39C-42 Datasheet
322Kb / 5P
   10.00mm (0.39) Four digit and Over Seven Segment LED display series
BL-Q39A-42 BETLUX-BL-Q39A-42 Datasheet
326Kb / 5P
   10.00mm (0.39) Four digit and Over Seven Segment LED display series
logo
BRIGHT LED ELECTRONICS ...
BS-C342RD BRIGHT-BS-C342RD Datasheet
167Kb / 3P
   10.0 (0.39) high single digit seven segments display
BS-A344RD-A BRIGHT-BS-A344RD-A Datasheet
191Kb / 3P
   10.0mm(0.39) high single digit seven segments display.
BS-C34DRD-B BRIGHT-BS-C34DRD-B Datasheet
174Kb / 3P
   10.0 (0.39) high single digit seven segments display
BS-A346RD BRIGHT-BS-A346RD Datasheet
205Kb / 3P
   10.0 (0.39) high single digit seven segments display
BS-C345RD-B BRIGHT-BS-C345RD-B Datasheet
166Kb / 3P
   0.39(10.00MM) high single DIGIT 14-segments alphanumeric DISPLAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com