Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ-M324RD Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BQ-M324RD
Description  9.20mm (0.36) high four digit seven segments display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BQ-M324RD Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BQ-M324RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BQ-M324RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BQ-M324RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BQ
Q--M
M3
32
24
4R
RD
D
Ver.2.0 Page 1 of 3
SINCE 1981
Package Dimensions :
14.00(.551)
7.10(.280)
4.80(.189)
9.20(.362)
0.50(.020)
29.50(1.161)
2.54x5=12.70(.500)
+
5
10.16(.400)
1.0(.039)
PIN 1.
6.2±0.5(.244±0230)
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
0.36 inch (9.20mm) Digit Height.
2.
Continuous uniform segments.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Categorized for luminous intensity.
7.
Multiplex drive common anode.
Description :
1. The BQ-M324RD is a 9.20mm (0.36")
high four digit seven segments display.
2. This product use hi-eff red chips, which
are made from GaAsP on GaP substrate.
3. This product have a black face and
white segments.
4.
This product doesn't contain restriction
substance, comply ROHS standard.
Internal Circuit Diagram :
2.1
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BQ-M324RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BQ-M324RD ETC-BQ-M324RD Datasheet
123Kb / 1P
   FOUR DIGIT LED DISPLAYS
More results

Similar Description - BQ-M324RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BQ-M32DRD BRIGHT-BQ-M32DRD Datasheet
305Kb / 3P
   9.20mm (0.36) high four digit seven segments display
BQ-M326RD BRIGHT-BQ-M326RD Datasheet
287Kb / 3P
   9.20mm (0.36) high four digit seven segments display
BQ-N323RD BRIGHT-BQ-N323RD Datasheet
202Kb / 3P
   9.20mm (0.36) high four digit seven segments display
BQ-N326RD BRIGHT-BQ-N326RD Datasheet
203Kb / 3P
   9.20mm (0.36) high four digit seven segments display
BQ-N32DRD BRIGHT-BQ-N32DRD Datasheet
223Kb / 3P
   9.20mm (0.36 )high four digit seven segments display.
BQ-N324RD BRIGHT-BQ-N324RD Datasheet
302Kb / 3P
   9.20mm (0.36) high four digit seven segments display
BT-M322RD BRIGHT-BT-M322RD Datasheet
252Kb / 3P
   9.20mm(0.36) high three digit seven segments display
BT-M325RD BRIGHT-BT-M325RD Datasheet
276Kb / 3P
   9.20mm(0.36) high three digit seven segments display
BT-N325RD BRIGHT-BT-N325RD Datasheet
199Kb / 3P
   9.20mm(0.36) high three digit seven segments display
BT-M324RD BRIGHT-BT-M324RD Datasheet
220Kb / 3P
   9.20mm(0.36) high three digit seven segments display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com