Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ-C535RD Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BQ-C535RD
Description  13.2mm(0.52) high four digit seven segments display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BQ-C535RD Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BQ-C535RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BQ-C535RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BQ-C535RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BQ
Q--C
C5
53
35
5R
RD
D
Ver.1.0 Page 1 of 3
SINCE 1981
Package Dimensions :
1.52(.060)
17.75(.698)
3.0(.118)MIN.
7.00(.276)
50.80(2.00)
13.2(.520)
2.54x19=48.26(1.900)
0.50(.020)
PIN 1.
+
10
7.62(.300)
15.24(.600)
0.25(.010)
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
0.52 inch (13.2mm) Digit Height.
2.
Continuous uniform segments.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Categorized for luminous intensity.
7.
Direct drive common cathode.
Description :
1.
The BQ-C535RD is a 13.2mm(0.52")
high four digit seven segments display.
2.
This product use bright red chips, which
are made from GaP on GaP substrate.
3.
This product have a black face and
white segments.
4.
This product doesn't contain restriction
substance, comply ROHS standard.
Internal Circuit Diagram :
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BQ-C535RD

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BQ-C535RD YSTONE-BQ-C535RD Datasheet
133Kb / 1P
   FOUR DIGIT LED DISPLAYS
More results

Similar Description - BQ-C535RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BQ-A532RD BRIGHT-BQ-A532RD Datasheet
255Kb / 3P
   13.2mm(0.52) high four digit seven segments display
BQ-C532RD BRIGHT-BQ-C532RD Datasheet
248Kb / 3P
   13.2mm (0.52) high four digit seven segments display
BT-A535RD BRIGHT-BT-A535RD Datasheet
265Kb / 3P
   13.2mm(0.52) high three digit seven segments display
BT-C535RD BRIGHT-BT-C535RD Datasheet
191Kb / 3P
   13.2mm(0.52) high three digit seven segments display
BT-A536RD BRIGHT-BT-A536RD Datasheet
264Kb / 3P
   13.2mm(0.52) high three digit seven segments display
BS-A543RD BRIGHT-BS-A543RD Datasheet
158Kb / 3P
   13.2mm(0.52) high single digit seven segments display.
BQ-M532RD BRIGHT-BQ-M532RD Datasheet
282Kb / 3P
   13.20mm (0.52) high four digit seven segments display
BQ-N534RD BRIGHT-BQ-N534RD Datasheet
229Kb / 3P
   13.20mm (0.52) high four digit seven segments display
BQ-M536RD BRIGHT-BQ-M536RD Datasheet
256Kb / 3P
   13.20mm (0.52) high four digit seven segments display
BQ-M534RD BRIGHT-BQ-M534RD Datasheet
333Kb / 3P
   13.20mm (0.52) high four digit seven segments display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com