Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM-41257ND Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BM-41257ND
Description  104.6mm (4.118) matrix height 5횞7 square matrix display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BM-41257ND Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BM-41257ND Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BM-41257ND Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BM-41257ND Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BM
M--4
41
12
25
57
7N
ND
D
Ver.1.0 Page 1 of 3
SINCE 1981
Package Dimensions :
74.80(2.945)
76.20(3.000)
5.08x6=30.48(1.200)
0.80(.031)
PIN 1.
3.00(.118) MIN.
12.80(.504)
12.0x12.0
(.472x.472)
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
4.118 inch (104.6mm) matrix height.
2.
Square size 12.0 × 12.0mm.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Multiplex drive , column cathode com.
and row anode com.
7.
Single color available.
8.
Categorized for luminous intensity.
9.
Stackable vertically and horizontally.
Description :
1.
The BM-41257ND is a 104.6mm (4.118")
matrix height 5×7 square matrix display.
2.
This product use green chips, which
are made from GaP on GaP substrate.
3.
This product have a black face and
white squares.
4.
This product doesn't contain restriction
substance, comply ROHS standard.
Internal Circuit Diagram :
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BM-41257ND

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BM-41257MD BRIGHT-BM-41257MD Datasheet
447Kb / 3P
   104.6mm (4.118) matrix height 5횞7 square matrix display
More results

Similar Description - BM-41257ND

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BM-41257MD BRIGHT-BM-41257MD Datasheet
447Kb / 3P
   104.6mm (4.118) matrix height 5횞7 square matrix display
BM-41457ND BRIGHT-BM-41457ND Datasheet
415Kb / 3P
   104.6mm (4.118) matrix height 5횞7 square matrix display
BM-21657MD BRIGHT-BM-21657MD Datasheet
263Kb / 3P
   53.19mm (2.094) matrix height 5횞7 square matrix display
BM-10657ND BRIGHT-BM-10657ND Datasheet
301Kb / 3P
   39.1mm(1.54) matrix height 5횞7 dot matrix display
BM-07257ND-AA BRIGHT-BM-07257ND-AA Datasheet
263Kb / 4P
   17.70mm(0.7) matrix height 5횞7 dot matrix display
BM-11257ND BRIGHT-BM-11257ND Datasheet
341Kb / 3P
   31.8mm(1.252) matrix height 5횞7 dot matrix display
BM-21288MD BRIGHT-BM-21288MD Datasheet
376Kb / 3P
   60.20mm (2.30) matrix height 8횞8 square matrix display
logo
Ningbo Foryard Optoelec...
FYM-12571AX-00 FORYARD-FYM-12571AX-00 Datasheet
463Kb / 5P
   1.2inch (39.10mm) Matrix height, Dot Matrix Display
logo
BRIGHT LED ELECTRONICS ...
BM-20658NA BRIGHT-BM-20658NA Datasheet
195Kb / 3P
   60.8mm(2.394) matrix height 5횞8 dot matrix display
BM-10688ND BRIGHT-BM-10688ND Datasheet
504Kb / 3P
   32.0mm (1.26)matrix height 8횞8 dot matrix display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com