Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

251-12.0M-SR-05KS Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 251-12.0M-SR-05KS
Description  SMD Quartz Crystal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

251-12.0M-SR-05KS Datasheet(HTML) 2 Page - Oscilent Corporation

  251-12.0M-SR-05KS Datasheet HTML 1Page - Oscilent Corporation 251-12.0M-SR-05KS Datasheet HTML 2Page - Oscilent Corporation 251-12.0M-SR-05KS Datasheet HTML 3Page - Oscilent Corporation 251-12.0M-SR-05KS Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
..
.
.
-40 ~ +85°C
-
-
-
-
x
x
BT
Within a range of ±80 ~ ±120 PPM
Note: Consult factory for available frequencies
Dim. L
250 4.2mm
251 3.2mm
PART NUMBER GUIDE
Series
Number
Frequency
Load
Capacitance
Tolerance @ +25oC
Tolerance Over
Temp ( oC )
Operating
Temp ( oC )
Packaging**
250
- 12.0M
- SR
- 05
K
P
- TR
HC-49SM
250: L=4.2
251: L=3.2
See table below
for standard freq.
and enter here
e.g. 2.048M for
2.048 MHz OR
enter any desire
frequency.
Enter desired
capacitance here.
See table below
for standard load
capacitance e.g. -
20 for 20pF or
Enter SR for
Series.
Blank * = ±30 PPM
or Fill in E.G
05 = ±5 PPM
25 = ±25 PPM
Avail. = ±5 ~ ±100
Blank* = ±50 PPM
G =
±30 PPM
H=
±20 PPM
K =
±15 PPM
L =
±10 PPM
M=
±5 PPM
N=
±100 PPM
P =
0~+50
R =
-10~+60
S =
-20~+70
T =
-30~+80
W =
-40~+85
Blank* = Bulk
TR = Tape/Reel
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above for definitions of that particular characteristic.
*STANDARDS: "Blank" part number selections indicate standard variables for that particular characteristic.
**PACKAGING: Click on the packaging name above for tape/reel specifications
STANDARD FREQUENCIES / LOAD CAPACITANCE - FOR GUIDE ONLY/ OTHER FREQ./LOADS
AVAILABLE
FREQUENCY
LOAD (pF)
Page 2 of 4
Oscilent Corporation | 250 - 251


Similar Part No. - 251-12.0M-SR-05KS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
251-253 LITTELFUSE-251-253 Datasheet
93Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature
logo
Winchester Electronics ...
251-360-0001P WINCHESTER-251-360-0001P Datasheet
127Kb / 1P
   SMA JACK TO BMA BULKHEAD PLUG ADAPTER
logo
Marl International Limi...
251-993-64 MARL-251-993-64 Datasheet
119Kb / 2P
   FILAMENT REPLACEMENT LEDs - T3쩌
More results

Similar Description - 251-12.0M-SR-05KS

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com