Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

175-60.0M-10-05GR Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 175-60.0M-10-05GR
Description  High Frequency Quartz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

175-60.0M-10-05GR Datasheet(HTML) 1 Page - Oscilent Corporation

  175-60.0M-10-05GR Datasheet HTML 1Page - Oscilent Corporation 175-60.0M-10-05GR Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
.
.
.
Quartz Crystals
Series Number
Package
Description
Last Modified
171, 174, 175
3x8, 3x9, 3x10
High Frequency Quartz
July. 01 2005
Quartz Crystal FEATURES
- Wide Frequency Range
- Industry standard package
- Excellent aging/reliability
- Cost effective
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CHARACTERISTICS
CONDITIONS
Size (Figure No.)
-
All
-
Frequency Range
fO
3.579 ~ 60.0
MHz
Frequency Tolerance
FL
±10 ~ 50
PPM
Temperature Tolerance
TL
±5 std.
PPM
Operating Temperature
TOPR
-10 ~ +60
°C
Storage Temperature
TSTG
-55 ~ +125
°C
Operation Mode
-
See Table
-
Load Capacitance
CL
10.0 std. Series available
pF
Shunt Capacitance
C0
7.0 max.
pF
Drive Level
DL
0.01 ~ 1.0
mW
Insulation Resistance
IR
500 min. (100DC)
Mohm
Aging (First Year)
+25°C
+ / -5 max.
PPM/Y
Motional Resistance
RS
See Table
ohm
OPERATION MODE AND RS
FREQUENCY RANGE (MHz)
MODE
RS (ohm max.)
3.579 ~ 3.699
Fundamental
200
3.700 ~ 3.999
Fundamental
180
4.000 ~ 4.099
Fundamental
150
4.100 ~ 4.999
Fundamental
120
5.000 ~ 5.999
Fundamental
100
7.000 ~ 9.999
Fundamental
80
FREQUENCY RANGE (MHz)
MODE
RS (ohm max.)
10.000 ~ 11.999
Fundamental
70
12.000 ~ 13.999
Fundamental
60
14.000 ~ 15.999
Fundamental
50
16.000 ~ 30.000
Fundamental
40
27.000 ~ 60.000
3rd O/T
100
-
-
-
Page 1 of 2
Oscilent Corporation | 171,174,175


Similar Part No. - 175-60.0M-10-05GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
175-6061 ETC2-175-6061 Datasheet
2Mb / 54P
   standard straight tips
175-6071 ETC2-175-6071 Datasheet
2Mb / 54P
   standard straight tips
175-6091 ETC2-175-6091 Datasheet
2Mb / 54P
   standard straight tips
More results

Similar Description - 175-60.0M-10-05GR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-3X10 ECS-ECS-3X10 Datasheet
77Kb / 1P
   HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
ECS-3X10X ECS-ECS-3X10X Datasheet
177Kb / 1P
   HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
logo
List of Unclassifed Man...
ECS-3X9 ETC1-ECS-3X9 Datasheet
77Kb / 1P
   HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
logo
Oscilent Corporation
QC-121 OSCILENT-QC-121 Datasheet
130Kb / 2P
   Low Frequency Quartz
121-40.0K-12.5-20R OSCILENT-121-40.0K-12.5-20R Datasheet
130Kb / 2P
   Low Frequency Quartz
logo
RF Monolithics, Inc
SC3018B RFM-SC3018B Datasheet
102Kb / 2P
   Quartz SAW Frequency Stability
logo
List of Unclassifed Man...
ECS-31 ETC1-ECS-31 Datasheet
79Kb / 1P
   LOW FREQUENCY QUARTZ CRYSTALS
logo
ECS, Inc.
ECS-31 ECS-ECS-31 Datasheet
79Kb / 1P
   LOW FREQUENCY QUARTZ CRYSTALS
ECS-31X ECS-ECS-31X Datasheet
163Kb / 1P
   LOW FREQUENCY QUARTZ CRYSTALS
logo
New Japan Radio
NJU6314 NJRC-NJU6314 Datasheet
108Kb / 6P
   High Frequency-Stability Fundamental Quartz Crystal Oscillator IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com