Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

202-10.000M-20-50HW Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 202-10.000M-20-50HW
Description  SMD Quartz Crystal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

202-10.000M-20-50HW Datasheet(HTML) 1 Page - Oscilent Corporation

  202-10.000M-20-50HW Datasheet HTML 1Page - Oscilent Corporation 202-10.000M-20-50HW Datasheet HTML 2Page - Oscilent Corporation 202-10.000M-20-50HW Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.
.
.
.
SMD Quartz Crystal
Series Number
Package
Description
Last Modified
202
UM-5 Gull Wing
SMD Quartz Crystal
Jan. 01 2002
FEATURES
- 10 MHz to 200 MHz frequency range
- Smaller footprint than Series 201
- Resistance welded
- Low profile
- Tape and reel
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CHARACTERISTICS
UNITS
Frequency Range
fO
10.00 ~ 225.000
MHz
Frequency Tolerance
Ref @ +25ºC
±10 ~ ±50
PPM
Frequency Stability
Ref @ +25ºC
±10 ~ ±50
PPM
Operating Temperature
TOPR
-10 ~ +60 (STD)
ºC
Storage Temperature
TSTG
-40 ~ +85 (STD)
ºC
Shunt Capacitance
CO
7.0 max.
pF
Load Capacitance
CL (Customer Specified)
16, 20, 30, Series
pF
Drive Level
DL
10.0 ~ 1000.0
µW
Overtone Order
Fundamental
10 ~ 50
MHz
3rd Overtone
30 ~ 150
5th Overtone
80 ~ 200
MODE OF OSCILLATION AND EQUIVALENT SERIES RESISTANCE
FREQUENCY RANGE (MHz)
MODE
MAX ESR Ohm
10.0 ~ 15.9
Fundamental
60
16.0 ~ 50.0
Fundamental
50
FREQUENCY RANGE (MHz)
MODE
MAX ESR Ohm
30.0 ~ 150.0
3rd Overtone
80
100.0 ~ 200.0
5th Overtone
120
Page 1 of 3
Oscilent Corporation | 202


Similar Part No. - 202-10.000M-20-50HW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
202-11503203XXXX VISHAY-202-11503203XXXX Datasheet
116Kb / 4P
   1 3/4" (44.5 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
More results

Similar Description - 202-10.000M-20-50HW

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com