Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

175-60.0M-10-05MO Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 175-60.0M-10-05MO
Description  High Frequency Quartz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

175-60.0M-10-05MO Datasheet(HTML) 2 Page - Oscilent Corporation

  175-60.0M-10-05MO Datasheet HTML 1Page - Oscilent Corporation 175-60.0M-10-05MO Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
PART NUMBER GUIDE
Series
Number
Frequency
Load
Capacitance
Tolerance @ +25C
Tolerance Over
Temp ( oC )
Operating
Temp ( oC )
Packaging**
174
- 60.0M
- 10
- 05
K
S
- TR
171 = 3x8
(Fig. 1)
174 = 3x9
(Fig. 2)
175 = 3x10
(Fig. 3)
Enter your
required
frequency. e.g.
2.048M = 2.048
MHz
10 = 10pF
SR = Series
Resonance
*** Others Avail.
Blank *= ±30PPM
or Fill in E.G
05 = ±5 PPM
25 = ±25 PPM
Avail. = ±5 ~ ±100
Blank*= ±50 PPM
G =
±30 PPM
H=
±20 PPM
K =
±15 PPM
L =
±10 PPM
M=
±5 PPM
P =
0~+50
R = -10~+60
S =
-20~+70
T =
-30~+80
W = -40~+85
Blank* = Bulk
-TR = Tape/ Reel
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above, for definitions of that particular characteristic.
*STANDARDS: "Blank" part number selections indicate standard variables for that particular characteristic.
**PACKAGING: Click on the packaging name above for tape/reel specifications.
***LOAD CAP.: 10.0pF standard. Other load capacitance available, please specify.
Series No.:
171, 174, 175
Page 2 of 2
Oscilent Corporation | 171,174,175


Similar Part No. - 175-60.0M-10-05MO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
175-6061 ETC2-175-6061 Datasheet
2Mb / 54P
   standard straight tips
175-6071 ETC2-175-6071 Datasheet
2Mb / 54P
   standard straight tips
175-6091 ETC2-175-6091 Datasheet
2Mb / 54P
   standard straight tips
More results

Similar Description - 175-60.0M-10-05MO

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-3X10 ECS-ECS-3X10 Datasheet
77Kb / 1P
   HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
ECS-3X10X ECS-ECS-3X10X Datasheet
177Kb / 1P
   HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
logo
List of Unclassifed Man...
ECS-3X9 ETC1-ECS-3X9 Datasheet
77Kb / 1P
   HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
logo
Oscilent Corporation
QC-121 OSCILENT-QC-121 Datasheet
130Kb / 2P
   Low Frequency Quartz
121-40.0K-12.5-20R OSCILENT-121-40.0K-12.5-20R Datasheet
130Kb / 2P
   Low Frequency Quartz
logo
RF Monolithics, Inc
SC3018B RFM-SC3018B Datasheet
102Kb / 2P
   Quartz SAW Frequency Stability
logo
List of Unclassifed Man...
ECS-31 ETC1-ECS-31 Datasheet
79Kb / 1P
   LOW FREQUENCY QUARTZ CRYSTALS
logo
ECS, Inc.
ECS-31 ECS-ECS-31 Datasheet
79Kb / 1P
   LOW FREQUENCY QUARTZ CRYSTALS
ECS-31X ECS-ECS-31X Datasheet
163Kb / 1P
   LOW FREQUENCY QUARTZ CRYSTALS
logo
New Japan Radio
NJU6314 NJRC-NJU6314 Datasheet
108Kb / 6P
   High Frequency-Stability Fundamental Quartz Crystal Oscillator IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com