Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

642-916.5M Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 642-916.5M
Description  One-Port SAW
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

642-916.5M Datasheet(HTML) 2 Page - Oscilent Corporation

  642-916.5M Datasheet HTML 1Page - Oscilent Corporation 642-916.5M Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
..
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
PART NUMBER GUIDE
Part Number
Frequency
642-314.5M
314.5 MHz
642-315.0M
315.0
642-318.0M
318.0
642-384.05M
384.05
642-418.0M
418.0
642-423.0M
423.0
642-423.22M
423.22
Part Number
Frequency
642-433.42M
433.42 MHz
642-433.92M
433.92
642-479.5M
479.5
642-886.0M
886.0
642-912.0M
912.0
642-916.5M
916.5
642-980.0M
980.0
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above, for definitions of the particular characteristic.
Series No.: 642
Page 2 of 2
Oscilent Corporation | 642
12/28/2005
http://www.oscilent.com/spec_pages/Resonators/R-642.htm


Similar Part No. - 642-916.5M

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
642-916.5M OSCILENT-642-916.5M Datasheet
125Kb / 2P
   One-Port SAW
More results

Similar Description - 642-916.5M

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
642 OSCILENT-642 Datasheet
125Kb / 2P
   One-Port SAW
logo
Advanced Crystal Techno...
ACTR4024 ACT-ACTR4024 Datasheet
233Kb / 5P
   One Port Saw Resonator
2-6-2011
logo
Oscilent Corporation
640-260.0M OSCILENT-640-260.0M Datasheet
141Kb / 3P
   One-Port 180째 SAW
logo
List of Unclassifed Man...
FR0360M00-DD17 ETC1-FR0360M00-DD17 Datasheet
114Kb / 5P
   One-port SAW Resonator
logo
ECS, Inc.
ECS-DR1 ECS-ECS-DR1 Datasheet
183Kb / 1P
   ONE-PORT SAW RESONATOR
logo
Abracon Corporation
ASR418S2 ABRACON-ASR418S2 Datasheet
1Mb / 3P
   SMD ONE PORT SAW RESONATOR
02.21.11
ASR868.35E ABRACON-ASR868.35E Datasheet
1Mb / 3P
   One-Port SMD SAW Resonator
09.22.15
logo
Golledge Electronics Lt...
MA07074 GOLLEDGE-MA07074 Datasheet
142Kb / 3P
   One-Port SAW Resonator 315.0MHz
logo
ECS, Inc.
ECS-SDR1 ECS-ECS-SDR1 Datasheet
106Kb / 1P
   SMD ONE PORT SAW RESONATOR
logo
Abracon Corporation
ASR418S2-T ABRACON-ASR418S2-T Datasheet
1Mb / 3P
   SMD ONE PORT SAW RESONATOR
02.21.11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com