Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

203-10.0M-SR-50KW Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 203-10.0M-SR-50KW
Description  SMD Quartz Crystal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

203-10.0M-SR-50KW Datasheet(HTML) 1 Page - Oscilent Corporation

  203-10.0M-SR-50KW Datasheet HTML 1Page - Oscilent Corporation 203-10.0M-SR-50KW Datasheet HTML 2Page - Oscilent Corporation 203-10.0M-SR-50KW Datasheet HTML 3Page - Oscilent Corporation 203-10.0M-SR-50KW Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
.
.
.
. .
SMD Quartz Crystal
Series Number
Package
Description
Last Modified
203
HC-49U Gull Wing
SMD Quartz Crystal
Jan. 01 2002
FEATURES
- 1.8 MHz to 85 MHz frequency range
- Small footprint for critical space applications
- Resistance weld enclosure
- Low profile
- Tape and Reel
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CHARACTERISTICS
UNITS
Frequency Range
fO
1.80 ~ 85.0
MHz
Frequency Tolerance
Ref @ +25ºC
±10 ~ 50
PPM
Frequency Stability
Ref @ +25ºC
±10 ~ 50
PPM
Operating Temperature
TOPR
-10 ~ +60 (STD)
ºC
Storage Temperature
TSTG
-40 ~ +85 (STD)
ºC
Shunt Capacitance
CO
7.0 max.
pF
Load Capacitance
CL (Customer Specified)
16, 20, 30, Series
pF
Drive Level
DL
0.1 ~ 1000.0
µW
Insulation Resistance
@ 100 VDC
500 min.
MoHm
MODE OF OSCILLATION AND EQUIVALENT SERIES RESISTANCE
FREQUENCY RANGE (MHz)
MODE
MAX ESR Ohm
1.8432.0 ~ 2.9
Fundamental
600
3.0 ~ 3.4
Fundamental
150
3.5 ~ 4.9
Fundamental
100
5.0 ~ 6.9
Fundamental
60
FREQUENCY RANGE (MHz)
MODE
MAX ESR Ohm
7.0 ~ 9.9
Fundamental
50
10.0 ~ 20.0
Fundamental
30
20.1 ~ 27.0
Fund. / 3rd O/T
30 / 60
27.1 ~ 75.0
3th Overtone
60
Page 1 of 4
Oscilent Corporation | 203


Similar Part No. - 203-10.0M-SR-50KW

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
203-1-G HELLERMANNTYTON-203-1-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
203-1-GP HELLERMANNTYTON-203-1-GP Datasheet
2Mb / 70P
   NorthAmericanProductGuide
More results

Similar Description - 203-10.0M-SR-50KW

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com