Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

245-12.0M-18-50NW Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 245-12.0M-18-50NW
Description  SMD Quartz Crystal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

245-12.0M-18-50NW Datasheet(HTML) 1 Page - Oscilent Corporation

  245-12.0M-18-50NW Datasheet HTML 1Page - Oscilent Corporation 245-12.0M-18-50NW Datasheet HTML 2Page - Oscilent Corporation 245-12.0M-18-50NW Datasheet HTML 3Page - Oscilent Corporation 245-12.0M-18-50NW Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
.
.
.
. .
SMD Quartz Crystal
Series Number
Package
Description
Last Modified
252 ~ 255
HC-49SM 4 Pad
SMD Quartz Crystal
Jan. 01 2002
FEATURES
- Cost effective
- Low profile
- Space saving design
- Tape and Reel
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS.
CHARACTERISTICS
UNITS
Frequency Range
fO
3.579545 ~ 70.00
MHz
Frequency Tolerance
Ref @ +25ºC
±30 (Std.) / ±15 , ±50 (Option)
PPM
Temperature Tolerance
TL
±50 (Std.) / ±30 , ±100 (Option)
PPM
Operating Temperature
TOPR
-20 ~ +70 (Std.) / -40 ~+85 (Option)
ºC
Storage Temperature
TSTG
-40 ~ +85
ºC
Shunt Capacitance
CO
7.0 max.
pF
Load Capacitance
CL
18.0 (Std.) / 10 ~ 50 and Series (Option)
pF
Drive Level
DL
1.0 max.
mW
Aging (First Year)
@ +25ºC
±5.0
PPM/Y
Insulation Resistance
IR
500 (DC100 ±10V) min.
Mohm
TABLE 1 - OPERATION MODE AND MOTIONAL RESISTANCE (RS)
FREQUENCY RANGE (MHz)
MODE
ohm max.
3.579545 ~ 4.999
Fundamental/AT
200
5.0 ~ 5.999
Fundamental/AT
150
6.0 ~ 7.999
Fundamental/AT
120
8.0 ~ 8.999
Fundamental/AT
90
9.0 ~ 9.999
Fundamental/AT
80
10.0 ~ 14.999
Fundamental/AT
70
FREQUENCY RANGE (MHz)
MODE
ohm max.
15.0 ~ 15.999
Fundamental/AT
60
16.0 ~ 23.999
Fundamental/AT
50
24.0 ~ 30.999
Fundamental/AT
40
24.0 ~ 40.32
Fundamental/BT
40
24.576 ~ 29.999
3rd OT/AT
150
30.0 ~ 70.0
3rd OT/AT
100
Page 1 of 4
Oscilent Corporation | 252 - 255


Similar Part No. - 245-12.0M-18-50NW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
245-14-1-03 ETC1-245-14-1-03 Datasheet
259Kb / 1P
   INDUSTRIAL CABLE AND CONNECTOR TECHNOLOGY
245-16-1-03 ETC1-245-16-1-03 Datasheet
259Kb / 1P
   INDUSTRIAL CABLE AND CONNECTOR TECHNOLOGY
245-18-1-03 ETC1-245-18-1-03 Datasheet
259Kb / 1P
   INDUSTRIAL CABLE AND CONNECTOR TECHNOLOGY
More results

Similar Description - 245-12.0M-18-50NW

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com