Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

637-456K-F33 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 637-456K-F33
Description  IC Applicable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

637-456K-F33 Datasheet(HTML) 1 Page - Oscilent Corporation

  637-456K-F33 Datasheet HTML 1Page - Oscilent Corporation 637-456K-F33 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
Ceramic Resonator
Series Number
Package
Description
Last Modified
637
ZTB Ceramic Resonator
IC Applicable
Jan. 01 2007
FEATURES
- IC Applicable Ceramic Resonator
- Low Frequency
- High stability
- RoHS Compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
Part Number
Frequency Accuracy
Applicable IC
637-456K-F11
19.000KHz ± 38KHz
LA3430 (SANYO)
637-456K-F15
19.000KHz ± 38KHz
LA1832 (SANYO)
637-456K-F16
19.000KHz ± 38KHz
TA8122AN (TOSHIBA)
637-456K-F18
19.000KHz ± 38KHz
TA8132N (TOSHIBA)
637-456K-F33
456KHz ± 2KHz
LA2232 (SANYO)
637-480K-E14
480 + 0.2%, -0.4%
TC31018P (TOSHIBA)
637-500K-F2
500.0 ± 2KHz
µPC1401C (NEC)
637-500K-F9
500.0 ± 2KHz
M51308SP (MITSUBISHI)
637-500K-F25
15.650 KHz ± 0.4%
LA7680 (SANYO)
637-500K-F40
15.650 KHz ± 0.4%
TA8691N (TOSHIBA)
637-503K-F2
503.5 ± 2KHz
µPC1401C (NEC)
637-503K-F5
504.5 ± 2KHz
LA7620 (SANYO)
637-503K-F10
15.734 ± 0.5%
TA7777P (TOSHIBA)
637-503K-F12
503.5KHz ± 2KHz
LDA3586N (THOMSON)
637-503K-F15
505.1KHz ± 2KHz
LA7650 (SANYO)
637-503K-F30
503.5KHz ± 1.5KHz
TA8654AN (TOSHIBA)
637-503K-F38
15.734KHz ± 62KHz
AN5302 (MATSUSHITA)
637-912K-F
923.0KHz ± 0.3%
LA1780 (SANYO)
637-912K-F101
918.5KHz ± 0.3%
AN7291 (MATSUSHITA)
637-912K-F104
925.0KHz ± 0.3%
LA1867NM (SANYO)
Page 1 of 2
Oscilent Corporation | 637 Series Ceramic Resonator


Similar Part No. - 637-456K-F33

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
637-456K-F33 OSCILENT-637-456K-F33 Datasheet
135Kb / 2P
   IC Applicable
More results

Similar Description - 637-456K-F33

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
637 OSCILENT-637 Datasheet
135Kb / 2P
   IC Applicable
logo
KODENSHI_AUK CORP.
SG402 KODENSHI-SG402 Datasheet
224Kb / 2P
   Widely applicable
logo
Japan Aviation Electron...
ST5S014V4A JAE-ST5S014V4A Datasheet
191Kb / 1P
   APPLICABLE P.C.B. DIMENSION
SJ100489 JAE-SJ100489 Datasheet
120Kb / 1P
   APPLICABLE PCB DIMENSION
logo
List of Unclassifed Man...
D-M9BWL ETC-D-M9BWL Datasheet
6Mb / 92P
   Applicable Cylinder Series
logo
TOKYO SEIMITSU CO., LTD
STYLUSES ACCRETECH-STYLUSES Datasheet
1Mb / 13P
   Applicable Probe Heads
logo
Japan Aviation Electron...
FB10S015JA2R6000 JAE-FB10S015JA2R6000 Datasheet
369Kb / 1P
   APPLICABLE F.P.C. DIMENSION(REF.)
FB8S029JA1 JAE-FB8S029JA1 Datasheet
153Kb / 1P
   APPLICABLE F.P.C. DIMENSION(REF.)
logo
TOKO, Inc
SAZ73D TOKO-SAZ73D Datasheet
286Kb / 1P
   Applicable to reflow soldering
logo
Shoulder Electronics Li...
CDB455C4 SHOULDER-CDB455C4 Datasheet
78Kb / 3P
   This specification is applicable to ceramic discriminator CDB455C4 use for SANYO IC LA8610.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com