Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

161-10.0M-20-25KT Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 161-10.0M-20-25KT
Description  Quartz Crystal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

161-10.0M-20-25KT Datasheet(HTML) 2 Page - Oscilent Corporation

  161-10.0M-20-25KT Datasheet HTML 1Page - Oscilent Corporation 161-10.0M-20-25KT Datasheet HTML 2Page - Oscilent Corporation 161-10.0M-20-25KT Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
..
.
.
AT
-10 ~ +60°C
-
O
x
x
x
-20 ~ +70°C
-
-
x
x
x
-30 ~ +80°C
-
-
-
x
O
-40 ~ +85°C
-
-
-
-
x
x
available
O
recommended
PART NUMBER GUIDE
Series
Number
Frequency
Load
Capacitance
Tolerance @ +25°C
Tolerance Over
Temp ( °C )
Operating
Temp ( °C )
Value Added
161
- 10.0M
-20
- 25
L
R
- VS
161 = UM-1
162 = UM-5
See table below
for standard freq.
and enter here
e.g. 15.0 M OR
enter any desired
frequency.
Enter desired load
capacitance. See
table below for
standard load
capacitances
Enter SR for
series.
Blank = ±30 PPM
or Fill in E.G
05 = ±5 PPM
10 = ±10 PPM *
Avail. = ±5 ~ ±100
G = ±30 PPM
H = ±20 PPM
K = ±15 PPM
L = ±10 PPM *
M = ±5 PPM
P = 0~+50
R = -10~+60 *
S = -20~+70
T = -30~+80
W = -40~+85
Blank * = Standard
IT = Insulator Tab
TL = Third Lead
L2 = Alt. Third Lead
VS = Vinyl Sleeving
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above for definitions of that particular characteristic.
*STANDARDS: Indicatse standard variables for that particular characteristic.
PACKAGING: Add "-TR" for Tape and Reel. Click here for tape/reel specifications
STANDARD FREQUENCIES / LOAD CAPACITANCE - FOR GUIDE ONLY/OTHER FREQ/LOADS
AVAILABLE
FREQUENCY
(MHz)
LOAD (pF)
Series
12
13
16
17
18
20
32
10.000
Std.
-
-
-
-
-
-
-
10.738635
Std.
-
-
-
-
-
-
-
11.000
Std.
-
-
-
-
-
-
-
11.046
Std.
-
-
-
-
-
-
-
11.0592
Std.
-
-
-
-
-
Std.
Std.
Page 2 of 3
Oscilent Corporation | 161 - 162


Similar Part No. - 161-10.0M-20-25KT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
161-12 ETC2-161-12 Datasheet
250Kb / 1P
   Wiha Flag Handle and Offset Screwdriver.
More results

Similar Description - 161-10.0M-20-25KT

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
   Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
   Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
   Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
   Quartz Crystal
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
   Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
   Quartz Crystal
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
   QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
IQD Frequency Products ...
LFXTAL032878 IQD-LFXTAL032878 Datasheet
268Kb / 1P
   Quartz Crystal
LFXTAL057623 IQD-LFXTAL057623 Datasheet
144Kb / 1P
   Quartz Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com