Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM400DU-12H Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # CM400DU-12H
Description  IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM400DU-12H Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  CM400DU-12H_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM400DU-12H_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM400DU-12H_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM400DU-12H_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Feb. 2009
4
MITSUBISHI IGBT MODULES
CM400DU-12H
HIGH POWER SWITCHING USE
INSULATED TYPE
HALF-BRIDGE
SWITCHING TIME CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
REVERSE RECOVERY CHARACTERISTICS
OF FREE-WHEEL DIODE
(TYPICAL)
EMITTER CURRENT IE (A)
GATE CHARGE CHARACTERISTICS
(TYPICAL)
GATE CHARGE QG (nC)
TIME (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(FWDi part)
101
103
101
102
102
103
100
102
101
–di/dt = 800A/
µs
Tj = 25
°C
trr
lrr
101
102
23
5
7
103
23
5
7
101
102
2
3
5
7
103
2
3
5
7
VCC = 300V
VGE =
±15V
RG = 1.6
Tj = 125
°C
td(off)
td(on)
tf
tr
101
10–3
10–5
10–4
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
7
5
3
2
10–323 5 7
23 5 7
23 5 7
23 5 7
101
10–2
10–1
100
10–3
10–3
7
5
3
2
10–2
7
5
3
2
10–1
3
2
23 5 7
23 5 7
Single Pulse
TC = 25
°C
Per unit base = Rth(j – c) = 0.18K/W
101
10–3
10–5
10–4
100
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
7
5
3
2
10–323 5 7
23 5 7
23 5 7
23 5 7
101
10–2
10–1
100
10–3
10–3
7
5
3
2
10–2
7
5
3
2
10–1
3
2
23 5 7
23 5 7
Single Pulse
TC = 25
°C
Per unit base = Rth(j – c) = 0.11K/W
0
5
10
15
20
25
0
200 400 600 800
1400
1000 1200
VCC = 200V
VCC = 300V
IC = 400A
7
5
3
2
23
5 7
7
5
3
2
23
5 7
7
5
3
2
7
5
3
2
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT part)
TIME (s)


Similar Part No. - CM400DU-12H_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM400DU-12H MITSUBISHI-CM400DU-12H Datasheet
43Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM400DU-12H POWEREX-CM400DU-12H Datasheet
59Kb / 4P
   Dual IGBTMOD 400 Amperes/600 Volts
More results

Similar Description - CM400DU-12H_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM350DU-5F MITSUBISHI-CM350DU-5F_09 Datasheet
129Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM100BU-12H MITSUBISHI-CM100BU-12H_09 Datasheet
109Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200TU-12H MITSUBISHI-CM200TU-12H_09 Datasheet
117Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM150E3U-24H MITSUBISHI-CM150E3U-24H_09 Datasheet
84Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200DU-12H MITSUBISHI-CM200DU-12H_09 Datasheet
103Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM75TU-24H MITSUBISHI-CM75TU-24H_09 Datasheet
118Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200DU-24H MITSUBISHI-CM200DU-24H_09 Datasheet
84Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM200E3U-12H MITSUBISHI-CM200E3U-12H_09 Datasheet
80Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM400HU-24H MITSUBISHI-CM400HU-24H_09 Datasheet
82Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM600HA-5F MITSUBISHI-CM600HA-5F_00 Datasheet
53Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM600HN-5F MITSUBISHI-CM600HN-5F_09 Datasheet
82Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com