Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

820-IF65.54M-E Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 820-IF65.54M-E
Description  65.54 MHz Bandpass Filter for Gap Filter 19.60 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

820-IF65.54M-E Datasheet(HTML) 3 Page - Oscilent Corporation

  820-IF65.54M-E Datasheet HTML 1Page - Oscilent Corporation 820-IF65.54M-E Datasheet HTML 2Page - Oscilent Corporation 820-IF65.54M-E Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
Part No.:
820-IF65.54M-E
Page 3 of 3
Oscilent Corporation IF SAW Filter | 820-IF65.54M-E


Similar Part No. - 820-IF65.54M-E

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
820-IF65.54M-E OSCILENT-820-IF65.54M-E_14 Datasheet
121Kb / 4P
   65.54MHz IF SAW Filter 18.95MHz Bandwidth
More results

Similar Description - 820-IF65.54M-E

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL32019AS1 TRANSKO-TL32019AS1 Datasheet
634Kb / 4P
   320.00MHz IF SAW Filter / 19.60 MHz Bandwidth
Revision 0: 05 Jun. 2012
logo
Oscilent Corporation
819-IF160.0M-F OSCILENT-819-IF160.0M-F_14 Datasheet
231Kb / 4P
   160.0 MHz Bandpass Filter 1.26 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03046S APITECH-SF0070BA03046S Datasheet
93Kb / 2P
   70 MHz Bandpass Filter 0.5 MHz bandwidth
logo
TriQuint Semiconductor
854833-1 TRIQUINT-854833-1_15 Datasheet
68Kb / 1P
   150 MHz Bandpass Filter 1.18 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0156BA02421S ICST-SF0156BA02421S Datasheet
86Kb / 3P
   156.00 MHz Bandpass Filter 9.4 MHz bandwidth
SF0280BA01984S ICST-SF0280BA01984S Datasheet
81Kb / 2P
   280 MHz Bandpass Filter 17 MHz bandwidth
logo
TriQuint Semiconductor
855869 TRIQUINT-855869 Datasheet
69Kb / 1P
   570 MHz Bandpass Filter 17 MHz Bandwidth
854656 TRIQUINT-854656_15 Datasheet
43Kb / 1P
   70 MHz Bandpass Filter 3 MHz Bandwidth
855748 TRIQUINT-855748_15 Datasheet
32Kb / 1P
   36.15 MHz Bandpass Filter 8 MHz Bandwidth
855677 TRIQUINT-855677_15 Datasheet
70Kb / 1P
   70 MHz Bandpass Filter 8 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com