Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM300DX-12A Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # CM300DX-12A
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM300DX-12A Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  CM300DX-12A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM300DX-12A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM300DX-12A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM300DX-12A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM300DX-12A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM300DX-12A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM300DX-12A Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Jan. 2009
MITSUBISHI IGBT MODULES
CM300DX-12A
HIGH POWER SWITCHING USE
trr, Qrr test waveform
t
IE
trr
Irr
1/2
Irr
Qrr = 1/2
Irr ✕ trr
0A
Switching time test circuit and waveforms
VCC
+
IC
VCE
IE
Arm
RG
VGE
+
VGE
VGE
Load
0V
VGE
VGE
IC
td(on)
td(off)
tr
tf
90%
10%
0V
0A
90%
0%
VCE(sat) test circuit
Tr1Tr2
IC
VGE = 15V
C1
E1C2
E2
VGE = 0V
G1
E1(E1s)
C1(C1s)
G2
E2(E2s)
V
IC
VGE = 15V
C1
E1C2
E2
VGE = 0V
G1
E1(E1s)
G2
E2(E2s)
C1(C1s)
V
IE
VGE = 0V
C1
E1C2
E2
VGE = 0V
G1
E1(E1s)
C1(C1s)
G2
E2(E2s)
V
IE
VGE = 0V
C1
E1C2
E2
VGE = 0V
G1
E1(E1s)
G2
E2(E2s)
C1(C1s)
V
Di2
VEC test circuit
Di1


Similar Part No. - CM300DX-12A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM300DX-24A MITSUBISHI-CM300DX-24A Datasheet
209Kb / 7P
   IGBT MODULES HIGH POWER SWITCHING USE
CM300DX-24S MITSUBISHI-CM300DX-24S Datasheet
369Kb / 9P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM300DX-24S POWEREX-CM300DX-24S Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 300 Amperes/1200 Volts
logo
Mitsubishi Electric Sem...
CM300DX-24S1 MITSUBISHI-CM300DX-24S1 Datasheet
708Kb / 10P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM300DX-34SA POWEREX-CM300DX-34SA Datasheet
1Mb / 9P
   Dual IG NX-Series Module 300 Amperes/1700 Volts
More results

Similar Description - CM300DX-12A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM35MX-24A MITSUBISHI-CM35MX-24A Datasheet
223Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-24F MITSUBISHI-CM50TU-24F_09 Datasheet
119Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA_09 Datasheet
86Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-34KA MITSUBISHI-CM50TU-34KA Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF_09 Datasheet
111Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DU-24F MITSUBISHI-CM100DU-24F_09 Datasheet
108Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DY-24NF MITSUBISHI-CM100DY-24NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DU-34KA MITSUBISHI-CM200DU-34KA_09 Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DY-12NF MITSUBISHI-CM200DY-12NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA_09 Datasheet
85Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM600HX-12A MITSUBISHI-CM600HX-12A Datasheet
201Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com