Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

835-IF75.0M-E Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 835-IF75.0M-E
Description  Base Station & Repeater
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

835-IF75.0M-E Datasheet(HTML) 1 Page - Oscilent Corporation

  835-IF75.0M-E Datasheet HTML 1Page - Oscilent Corporation 835-IF75.0M-E Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
. .
.
IF SAW Filter
Part Number
Package
Application
Last Modified
835-IF75.0M-E
35.0 x 12.8 Thru Hole
Base Station & Repeater
May 24 2003
TYPE :
75.0 MHz Bandpass Filter
19.20 MHz Bandwidth
PART NUMBER :
835-IF75.0M-E
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
Minimum
Typical
Maximum
Units
Center Frequency
69.95
75.00
75.05
MHz
Insertion Loss
-
24.0
26.0
dB
1dB Bandwidth
18.90
19.00
-
MHz
3dB Bandwidth
19.20
19.40
-
MHz
18dB Bandwidth
-
20.20
20.40
MHz
33dB Bandwidth
-
20.50
20.70
MHz
50dB Bandwidth
-
20.70
20.90
MHz
Passband Ripple
-
0.65
1.0
dB
Group Delay Variation
-
65
100
nsec
Ultimate Rejection
50
55
-
dB
Substrate Material
-
LN
-
-
Ambient Temperature
-
25
-
°C
* Custom SAW IF Filters available. Contact Oscilent for assistance.
PACKAGE OUTLINE (mm)
TEST FIXTURE
L1 = 120nH
C1 = 62pF
L2 = 180nH
C2 = 43pF
Source/Load Impedance = 50 ohms
Part No.:
835-IF75.0M-E
Page 1 of 2
Oscilent Corporation IF SAW Filter | 835-IF75.0M-E
12/28/2005
http://www.oscilent.com/spec_pages/if_sawfilter/if_835_if75_0e.htm


Similar Part No. - 835-IF75.0M-E

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
835-IF75.0M-15C OSCILENT-835-IF75.0M-15C Datasheet
180Kb / 6P
   75.0MHz IF SAW Filter 15.40MHz Bandwidth
835-IF75.0M-30C OSCILENT-835-IF75.0M-30C Datasheet
215Kb / 6P
   75.0MHz IF SAW Filter 29.1 MHz Bandwidth
835-IF75.0M-D OSCILENT-835-IF75.0M-D Datasheet
142Kb / 2P
   Base Station & Repeater
835-IF75.0M-F OSCILENT-835-IF75.0M-F Datasheet
142Kb / 2P
   Base Station & Repeater
More results

Similar Description - 835-IF75.0M-E

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
835-IF120.0M-B OSCILENT-835-IF120.0M-B Datasheet
143Kb / 2P
   Base Station & Repeater
838-IF100.0M-F OSCILENT-838-IF100.0M-F Datasheet
144Kb / 2P
   Base Station & Repeater
835-IF44.0M-E OSCILENT-835-IF44.0M-E Datasheet
279Kb / 3P
   Base Station & Repeater
835-IF80.0M-B OSCILENT-835-IF80.0M-B Datasheet
175Kb / 2P
   Base Station & Repeater
835-IF137.9M-A OSCILENT-835-IF137.9M-A Datasheet
200Kb / 2P
   Base Station & Repeater
835-IF240.0M-D OSCILENT-835-IF240.0M-D Datasheet
289Kb / 2P
   Base Station & Repeater
813-IF70.0M-BA OSCILENT-813-IF70.0M-BA Datasheet
148Kb / 2P
   Base Station & Repeater
813-IF75.0M-C OSCILENT-813-IF75.0M-C Datasheet
131Kb / 2P
   Base Station & Repeater
819-IF70.0M-X OSCILENT-819-IF70.0M-X Datasheet
144Kb / 2P
   Base Station & Repeater
820-IF70.0M-E OSCILENT-820-IF70.0M-E Datasheet
141Kb / 2P
   Base Station & Repeater
820-IF70.0M-G OSCILENT-820-IF70.0M-G Datasheet
144Kb / 2P
   Base Station & Repeater
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com