Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

820-IF129.3M-A Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 820-IF129.3M-A
Description  Base Station & Repeater
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

820-IF129.3M-A Datasheet(HTML) 2 Page - Oscilent Corporation

  820-IF129.3M-A Datasheet HTML 1Page - Oscilent Corporation 820-IF129.3M-A Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
Page 2 of 2
Oscilent Corporation IF SAW Filter | 820-IF129.3M-A
12/28/2005
http://www.oscilent.com/spec_pages/if_sawfilter/if_820_if129_3a.htm


Similar Part No. - 820-IF129.3M-A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
820-IF120.0M-04A OSCILENT-820-IF120.0M-04A Datasheet
224Kb / 6P
   120.0MHz IF SAW Filter 4.20MHz Bandwidth
820-IF120.0M-15A OSCILENT-820-IF120.0M-15A Datasheet
229Kb / 6P
   120.0 MHz IF SAW Filter 15.48 MHz Bandwidth
820-IF120.0M-16A OSCILENT-820-IF120.0M-16A Datasheet
227Kb / 6P
   120.0 MHz IF SAW Filter 16.13 MHz Bandwidth
820-IF120.0M-16B OSCILENT-820-IF120.0M-16B Datasheet
195Kb / 6P
   120.0 MHz IF SAW Filter 16.24 MHz Bandwidth
820-IF120.0M-C OSCILENT-820-IF120.0M-C Datasheet
270Kb / 2P
   120.0 MHz IF SAW Filter
More results

Similar Description - 820-IF129.3M-A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
835-IF120.0M-B OSCILENT-835-IF120.0M-B Datasheet
143Kb / 2P
   Base Station & Repeater
838-IF100.0M-F OSCILENT-838-IF100.0M-F Datasheet
144Kb / 2P
   Base Station & Repeater
835-IF44.0M-E OSCILENT-835-IF44.0M-E Datasheet
279Kb / 3P
   Base Station & Repeater
835-IF80.0M-B OSCILENT-835-IF80.0M-B Datasheet
175Kb / 2P
   Base Station & Repeater
835-IF137.9M-A OSCILENT-835-IF137.9M-A Datasheet
200Kb / 2P
   Base Station & Repeater
835-IF240.0M-D OSCILENT-835-IF240.0M-D Datasheet
289Kb / 2P
   Base Station & Repeater
813-IF70.0M-BA OSCILENT-813-IF70.0M-BA Datasheet
148Kb / 2P
   Base Station & Repeater
813-IF75.0M-C OSCILENT-813-IF75.0M-C Datasheet
131Kb / 2P
   Base Station & Repeater
819-IF70.0M-X OSCILENT-819-IF70.0M-X Datasheet
144Kb / 2P
   Base Station & Repeater
820-IF70.0M-E OSCILENT-820-IF70.0M-E Datasheet
141Kb / 2P
   Base Station & Repeater
820-IF70.0M-G OSCILENT-820-IF70.0M-G Datasheet
144Kb / 2P
   Base Station & Repeater
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com