Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

820-IF70.0M-E Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 820-IF70.0M-E
Description  Base Station & Repeater
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

820-IF70.0M-E Datasheet(HTML) 1 Page - Oscilent Corporation

  820-IF70.0M-E Datasheet HTML 1Page - Oscilent Corporation 820-IF70.0M-E Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
.
.
.
IF SAW Filter
Part Number
Package
Application
Last Modified
820-IF70.0M-E
20.2 x 12.6 Thru Hole
Base Station & Repeater
May 02 2003
TYPE :
70.0 MHz Bandpass Filter
1.20 MHz Bandwidth
PART NUMBER :
820-IF70.0M-E
Horizontal : 0.5 MHz/Div
Veritical : 10 dB/Div
Horizontal : 0.2 MHz/Div
Veritical : 1 dB/Div
Veritical : 100 ns/Div
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
Minimum
Typical
Maximum
Units
Center Frequency
69.94
70.00
70.06
MHz
Insertion Loss
-
23.0
28.0
dB
1dB Bandwidth
0.91
1.0
-
MHz
3dB Bandwidth
1.1
1.2
-
MHz
40dB Bandwidth
-
1.95
2.0
MHz
Passband Ripple
-
0.4
0.8
dB
Group Delay Variation
-
100
150
nsec
Absolute Delay
-
2.6
-
µsec
Ultimate Rejection
40
50
-
dB
Substrate Material
-
Quartz
-
-
Ambient Temperature
-
25
-
°C
* Custom SAW IF Filters available. Contact Oscilent for assistance.
PACKAGE OUTLINE (mm)
TEST FIXTURE
Page 1 of 2
Oscilent Corporation IF SAW Filter | 820-IF70.0M-E
12/28/2005
http://www.oscilent.com/spec_pages/if_sawfilter/if_820_if70_0e.htm


Similar Part No. - 820-IF70.0M-E

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
820-IF70.0M-EA OSCILENT-820-IF70.0M-EA Datasheet
134Kb / 2P
   Base Station & Repeater
820-IF70.0M-E OSCILENT-820-IF70.0M-E_14 Datasheet
154Kb / 4P
   70.0 MHz IF SAW Filter 1.0 MHz Bandwidth
More results

Similar Description - 820-IF70.0M-E

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
835-IF120.0M-B OSCILENT-835-IF120.0M-B Datasheet
143Kb / 2P
   Base Station & Repeater
838-IF100.0M-F OSCILENT-838-IF100.0M-F Datasheet
144Kb / 2P
   Base Station & Repeater
835-IF44.0M-E OSCILENT-835-IF44.0M-E Datasheet
279Kb / 3P
   Base Station & Repeater
835-IF80.0M-B OSCILENT-835-IF80.0M-B Datasheet
175Kb / 2P
   Base Station & Repeater
835-IF137.9M-A OSCILENT-835-IF137.9M-A Datasheet
200Kb / 2P
   Base Station & Repeater
835-IF240.0M-D OSCILENT-835-IF240.0M-D Datasheet
289Kb / 2P
   Base Station & Repeater
813-IF70.0M-BA OSCILENT-813-IF70.0M-BA Datasheet
148Kb / 2P
   Base Station & Repeater
813-IF75.0M-C OSCILENT-813-IF75.0M-C Datasheet
131Kb / 2P
   Base Station & Repeater
819-IF70.0M-X OSCILENT-819-IF70.0M-X Datasheet
144Kb / 2P
   Base Station & Repeater
820-IF70.0M-G OSCILENT-820-IF70.0M-G Datasheet
144Kb / 2P
   Base Station & Repeater
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com