Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM150DU-12F Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CM150DU-12F
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM150DU-12F Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CM150DU-12F Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM150DU-12F Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM150DU-12F Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM150DU-12F Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Feb. 2009
3
MITSUBISHI IGBT MODULES
CM150DU-12F
HIGH POWER SWITCHING USE
PERFORMANCE CURVES
300
200
100
250
150
50
0.5
1.5
2.5
3.5
1234
0
0
7.5
15
11
10
8.5
8
100
101
2
3
5
7
102
2
3
5
7
103
2
3
5
7
0
0.5
1
1.5
2
2.5
3
3.5
4
10–1
100
2
3
5
7
101
2
3
5
7
102
2
3
5
7
10–1 2
100
35 7
2
101
35 7
2
102
35 7
2.5
3
2
1.5
1
0.5
0
300
0
100
200
5
4
3
2
1
0
16
18
20
68
10
12
14
100
101
23
5 7
102
23
5 7
103
23
5 7
101
100
2
3
5
7
102
2
3
5
7
103
2
3
5
7
IC = 300A
IC = 150A
IC = 60A
Tj = 25
°C
VCC = 300V
VGE =
±15V
RG = 4.2
Tj = 125
°C
Conditions:
td(off)
td(on)
tf
tr
Tj=25
°C
VGE=20V
9.5
9
Tj = 25
°C
Tj = 125
°C
VGE = 15V
Tj = 25
°C
VGE = 0V
Cres
Coes
Cies
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
GATE-EMITTER VOLTAGE VGE (V)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
EMITTER-COLLECTOR VOLTAGE VEC (V)
CAPACITANCE–VCE
CHARACTERISTICS
(TYPICAL)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)


Similar Part No. - CM150DU-12F

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM150DU-12F POWEREX-CM150DU-12F Datasheet
351Kb / 4P
   Trench Gate Design Dual IGBTMOD??150 Amperes/600 Volts
More results

Similar Description - CM150DU-12F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM35MX-24A MITSUBISHI-CM35MX-24A Datasheet
223Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-24F MITSUBISHI-CM50TU-24F_09 Datasheet
119Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA_09 Datasheet
86Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-34KA MITSUBISHI-CM50TU-34KA Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF_09 Datasheet
111Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DU-24F MITSUBISHI-CM100DU-24F_09 Datasheet
108Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DY-24NF MITSUBISHI-CM100DY-24NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DU-34KA MITSUBISHI-CM200DU-34KA_09 Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DY-12NF MITSUBISHI-CM200DY-12NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA_09 Datasheet
85Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM600HX-12A MITSUBISHI-CM600HX-12A Datasheet
201Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com