Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

760-0107-FP Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 760-0107-FP
Description  Ceramic Filter 10.7 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

760-0107-FP Datasheet(HTML) 1 Page - Oscilent Corporation

  760-0107-FP Datasheet HTML 1Page - Oscilent Corporation 760-0107-FP Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL CHARACTERISTICS / PART NUMBER GUIDE
.
.
.
Filters
Series Number
Package
Description
Last Modified
760
Ceramic Filter
10.7 MHz
Jan. 01 2007
Filter FEATURES
- Ceramic Filter for FM Receiver
- Low Loss
- Wide / Narrow Bandwidths
- RoHS Compliant
Ceramic Filter for FM Receiver
Part Number
3 dB
Bandwidth
20 dB
Bandwidth
Insertion
Loss
Spurious
Attenuation
(9 ~ 12 KHz)
In/Out Impedance
KHz min.
KHz max.
dB max.
dB min.
ohm
760-0107-A5
280 ±50
650
6
30
330
760-0107-S2
230 ±50
600
6
40
330
760-0107-S3
180 ±50
520
7
40
330
Low-Loss Type Ceramic Filter
Part Number
3 dB
Bandwidth
20 dB
Bandwidth
Insertion
Loss
Spurious
Attenuation
(9 ~ 12 KHz)
In/Out Impedance
KHz min.
KHz max.
dB max.
dB min.
ohm
760-0107-A5A10
280 ±50
590
2.5 ±2.0
30
330
760-0107-S2A10
230 ±50
520
3.0 ±2.0
35
330
760-0107-S3A10
180 ±50
470
3.5 ±1.5
35
330
760-0107-JA10
150 ±50
360
4.5 ±2.0
35
330
Wide/Narrow Bandwidth Ceramic Filter
Part Number
3 dB
Bandwidth
20 dB
Bandwidth
Insertion
Loss
Spurious
Attenuation
(9 ~ 12 KHz)
In/Out Impedance
KHz min.
KHz max.
dB max.
dB min.
ohm
760-0107-A19
350
950
3.0 ±2.0
20
470
760-0107-A20
330 ±50
680
4.0 ±2.0
30
330
760-0107-HY
110 ±30
350
7.0 ±2.0
30
330
760-0107-FP
20
95
6.0
24(10.7 ±1.0MHz)
600
Page 1 of 2
Oscilent Corporation | 760 Series Ceramic Filter


Similar Part No. - 760-0107-FP

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
760-0107-FP OSCILENT-760-0107-FP Datasheet
139Kb / 2P
   For TV / VCR
More results

Similar Description - 760-0107-FP

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
763-0107-A5 OSCILENT-763-0107-A5 Datasheet
127Kb / 2P
   10.7 MHz Chip Type Ceramic Filter
759-0107-A5 OSCILENT-759-0107-A5 Datasheet
138Kb / 2P
   Ceramic Filter 10.7 MHz Low Profile
762-0107-HY OSCILENT-762-0107-HY Datasheet
131Kb / 2P
   Surface Mount Filter 10.7 MHz Ceramic
logo
KR Electronics, Inc.
2820-10.7 KR-2820-10.7 Datasheet
48Kb / 2P
   10.7 MHz bandpass filter
2567-1 KR-2567-1 Datasheet
88Kb / 2P
   10.7 MHz Bandpass
logo
Abracon Corporation
AFC10.7M ABRACON-AFC10.7M Datasheet
490Kb / 1P
   10.7 MHZ, LEADED LOW LOSS CERAMIC FILTERS
logo
KR Electronics, Inc.
2395-10.7M-3M-50 KR-2395-10.7M-3M-50 Datasheet
92Kb / 2P
   KR 2395-10.7-3M-50 is a 10.7 MHz surface mount bandpass filter.
logo
NIHON DEMPA KOGYO
10A7.5CB NDK-10A7.5CB Datasheet
84Kb / 1P
   10.7 MHz- and 21.4 MHz-Series MCF
logo
Vectron International, ...
MQF10-7-1500-08 VECTRON-MQF10-7-1500-08 Datasheet
23Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
MQF10-7-1500-20 VECTRON-MQF10-7-1500-20 Datasheet
23Kb / 1P
   Nominal centre frequency fo: 10.7 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com