Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

811-IF85.38M-A Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 811-IF85.38M-A
Description  Mobile Communication
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

811-IF85.38M-A Datasheet(HTML) 1 Page - Oscilent Corporation

  811-IF85.38M-A Datasheet HTML 1Page - Oscilent Corporation 811-IF85.38M-A Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
.
.
.
IF SAW Filter
Part Number
Package
Application
Last Modified
811-IF85.38M-A
11.6 x 5.0 SMD
Mobile Communication
June 17 2003
TYPE :
85.38 MHz Bandpass Filter
1.26 MHz Bandwidth
PART NUMBER :
811-IF85.38M-A
Horizontal : 0.5 MHz/Div
Veritical : 10 dB/Div
Horizontal : 0.2 MHz/Div
Veritical : 1 dB/Div
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
Minimum
Typical
Maximum
Units
Center Frequency
85.36
85.38
85.40
MHz
Insertion Loss
-
10.95
12.5
dB
5dB Bandwidth
1.26
1.31
-
MHz
33dB Bandwidth
-
1.76
1.80
MHz
Attenuation at Fo ± 0.9 MHz
33
38
-
dB
Attenuation at Fo ± 1.25 MHz
33
47
-
dB
Attenuation at Fo ± 1.7 MHz
33
43
-
dB
Passband Ripple
-
0.3
0.7
dB
Ultimate Rejection
35
42
-
dB
Substrate Material
-
Quartz
-
-
Ambient Temperature
-
25
-
°C
* Custom SAW IF Filters available. Contact Oscilent for assistance.
PACKAGE OUTLINE (mm)
TEST FIXTURE
Page 1 of 2
Oscilent Corporation IF SAW Filter | 811-IF85.38M-A
12/28/2005
http://www.oscilent.com/spec_pages/if_sawfilter/if_811_if85_38a.htm


Similar Part No. - 811-IF85.38M-A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
811-001-06 GLENAIR-811-001-06 Datasheet
319Kb / 1P
   Series 811 Mighty Mouse High Density (HD) Pre-Wired Plug Connectors 811-001-06
811-001-06 GLENAIR-811-001-06_15 Datasheet
167Kb / 1P
   Mighty Mouse High Density
811-003-01 GLENAIR-811-003-01 Datasheet
230Kb / 1P
   Series 811 Mighty Mouse High Density (HD) Pre-Wired In-Line Receptacle Connectors 811-003-01
811-003-01 GLENAIR-811-003-01_15 Datasheet
156Kb / 1P
   Mighty Mouse High Density
811-003-02 GLENAIR-811-003-02 Datasheet
233Kb / 1P
   Series 811 Mighty Mouse High Density (HD) Pre-Wired Square Flange Receptacle Connectors 811-003-02 and 811-004-02
More results

Similar Description - 811-IF85.38M-A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
803-IF360.0M-B OSCILENT-803-IF360.0M-B Datasheet
171Kb / 3P
   Mobile Communication
809-IF85.38M-B OSCILENT-809-IF85.38M-B Datasheet
167Kb / 2P
   Mobile Communication
809-IF38.912M-C OSCILENT-809-IF38.912M-C Datasheet
238Kb / 2P
   Mobile Communication
807-IF350.0M-B OSCILENT-807-IF350.0M-B Datasheet
238Kb / 2P
   Mobile Communication
807-IF456.0M-A OSCILENT-807-IF456.0M-A Datasheet
273Kb / 2P
   Mobile Communication
805-IF360.0M-A OSCILENT-805-IF360.0M-A Datasheet
166Kb / 3P
   Mobile Communication
807-IF183.6M-A OSCILENT-807-IF183.6M-A Datasheet
241Kb / 2P
   Mobile Communication
807-IF246.0M-B OSCILENT-807-IF246.0M-B Datasheet
242Kb / 3P
   Mobile Communication
807-SL300.0M-07 OSCILENT-807-SL300.0M-07 Datasheet
318Kb / 2P
   Mobile Communication
809-IF85.38M-G OSCILENT-809-IF85.38M-G Datasheet
251Kb / 2P
   Mobile Communication
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com