Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

430-2.0M-3HD-T Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 430-2.0M-3HD-T
Description  7 x 5 SMD Ceramic HCMOS / TTL Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

430-2.0M-3HD-T Datasheet(HTML) 1 Page - Oscilent Corporation

  430-2.0M-3HD-T Datasheet HTML 1Page - Oscilent Corporation 430-2.0M-3HD-T Datasheet HTML 2Page - Oscilent Corporation 430-2.0M-3HD-T Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Oscillators
Series Number
Package
Description
Last Modified
430
7 x 5 SMD Ceramic
HCMOS / TTL Output
Jan. 01 2007
FEATURES
- Low power consumption
- Standby function
- Tape and Reel
- Miniature profile
- 3.3V or 5.0V optional
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Output Logic
-
HCMOS / TTL Output
-
Input Voltage (VDD)
-
3.3 ±10% *
5.0 ±10%
VDC
Frequency Range (fO)
-
1.000 ~ 155.520
MHz
Operating Temperature (TOPR)
-
0 ~ +70 Std. (Ext Temp Avail. See Table Below)
°C
Storage Temperature (TSTG)
-
-55 ~ +125
°C
Frequency Stability
a + b + c + d
±10, ±20, ±25, ±50, ±100 max.
PPM
(a) Frequency Tolerance
Inclusive of Overall Stability
-
(b) Temperature Stability
Inclusive of Overall Stability (Operating Temperature)
-
(c) Input Voltage Stability
Inclusive of Overall Stability (VDD ±10%)
-
(d) Load Stability
Inclusive of Overall Stability (RL ±5%)
-
Input Current (IDD)
-
10 ~ 35 max.
15 ~ 50 max.
mA
Aging
@ 25°C
±5 max.
PPM/Y
Rise Time (TR) / Fall Time (TF)
-
8 max. (0.4V to 2.4V w/ TTL, 20% ~ 80% / HCMOS)
nS
PIN 1 Tri-State
-
Option
-
Output Voltage High "1" VOH
TTL Load
2.4 min.
VDC
HCMOS Load
2.7 min.
VDD-0.5 min.
Output Voltage Low "0" VOL
TTL Load
0.4 max.
VDC
HCMOS Load
0.5 max.
Duty Cycle
-
50 ±10 (Std.) / 50 ±5 (Option)
%
Start-Up Time (TS)
1~ 35 MHz
4 max.
mS
35 ~ 125.000 MHz
10 max.
Jitter
(One Sigma)
±10 max.
ps
* Low Voltage at 1.8 VDC availabable. Input Current = 2 ~ 10mA
PIN CONNECTIONS
Page 1 of 3
Oscilent Corporation | 430 Series Surface Mount Crystal Oscillators


Similar Part No. - 430-2.0M-3HD-T

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
430-251-2 ATM-430-251-2 Datasheet
82Kb / 1P
   STANDARD GAIN HORN
430-253-2 ATM-430-253-2 Datasheet
82Kb / 1P
   STANDARD GAIN HORN
More results

Similar Description - 430-2.0M-3HD-T

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
432-12.0M-7DC-TNC OSCILENT-432-12.0M-7DC-TNC Datasheet
142Kb / 2P
   5 x 3.2 SMD Ceramic HCMOS / TTL Output
434-12.0M-5DC-TNC OSCILENT-434-12.0M-5DC-TNC Datasheet
144Kb / 2P
   5 x 3.2 SMD Ceramic HCMOS / TTL Output
481-2.4576M-5DN-TTS OSCILENT-481-2.4576M-5DN-TTS Datasheet
150Kb / 3P
   7 x 5 Programmable HCMOS / TTL Output
logo
EUROQUARTZ limited
MB572T EUROQUARTZ-MB572T Datasheet
205Kb / 1P
   7 x 5 x 2.3mm SMD HCMOS
logo
MTRONPTI
M2052 MTRONPTI-M2052 Datasheet
864Kb / 6P
   5 x 7 mm, 3.0, 3.3 & 3.6 Volt, HCMOS/TTL
logo
EUROQUARTZ limited
EMW57T EUROQUARTZ-EMW57T Datasheet
151Kb / 1P
   HCMOS 7 x 5 x 2.8mm SMD, W Group
EM57T EUROQUARTZ-EM57T Datasheet
151Kb / 1P
   HCMOS 7 x 5 x 2.5mm SMD, MHz Range
EM57T33-32.768K-2.5 EUROQUARTZ-EM57T33-32.768K-2.5 Datasheet
137Kb / 1P
   HCMOS 7 x 5 x 2.5mm SMD, kHz Range
EMV57T EUROQUARTZ-EMV57T Datasheet
151Kb / 1P
   HCMOS 7 x 5 x 2.5mm SMD, V Group
logo
Oscilent Corporation
567-25.0M-3DN-TP1 OSCILENT-567-25.0M-3DN-TP1 Datasheet
134Kb / 2P
   HCMOS / TTL Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com