Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

715-T07A2-1 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 715-T07A2-1
Description  Monolithic Dip Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

715-T07A2-1 Datasheet(HTML) 1 Page - Oscilent Corporation

  715-T07A2-1 Datasheet HTML 1Page - Oscilent Corporation 715-T07A2-1 Datasheet HTML 2Page - Oscilent Corporation 715-T07A2-1 Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.
Filters
Series Number
Package
Description
Last Modified
715 ~ 718
UM-1 / UM-5; 2 Pole
Monolithic Dip Type
Jan. 01 2002
Filter FEATURES
- Low loss
- High stability for wide temperature ranges
- Sharp cut offs
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS / PART NUMBER
GUIDE
GENERAL CHARACTERISTICS
Operating Temperature Range: -20 ~ 70°C
Mode of
Oscillation:
21.40 ~ 30.875 MHz:
Fundamental
45.0 MHz: 3rd Overtone
PART NO. (Figure)
Nominal
Frequency
Pass Band
Width
Stop Band
Width
Ripple
Insertion
Loss
Terminal
Impedance
Pole
UM-1 (1)
UM-5 (2)
MHz
KHz/dB
KHz/dB
dB
dB
Rt//Ct[ohm/pF]
-
715-M07A-1
715-M07A-5
21.40
±3.75/3
±14/18
0.5
1.5
850//7
2
715-M09A-1
715-M09A-5
21.40
±4.50/3
±12.5/14
0.5
1.5
850//7
2
715-M12A-1
715-M12A-5
21.40
±6.0/3
±20/15
0.5
1.5
1200//2.5
2
715-M15A1-1
715-M15A1-5
21.40
±7.50/3
±25/18
0.5
1.5
1500//3
2
715-M15A2-1
715-M15A2-5
21.40
±7.50/3
±30/18
0.5
2.0
1500//3
2
715-M15A3-1
715-M15A3-5
21.40
±7.50/3
±30/18
1.0
2.0
1500//2
2
715-M20A-1
715-M20A-5
21.40
±10.0/3
±25/10
0.5
1.5
1800//1.5
2
715-M30A-1
715-M30A-5
21.40
±15.0/3
±45/15
0.5
1.5
3000//0.5
2
715-P07A-1
715-P07A-5
21.60
±3.75/3
±14/18
0.5
1.5
850//5
2
715-P12A-1
715-P12A-5
21.60
±6.0/3
±20/15
0.5
1.5
1200//2.5
2
715-P15A-1
715-P15A-5
21.60
±7.50/3
±25/18
0.5
1.5
1500//3
2
715-T07A1-1
715-T07A1-5
21.70
±3.75/3
±14/18
0.5
1.5
850//5
2
715-T07A2-1
715-T07A2-5
21.70
±3.75/3
±15/18
0.5
1.5
850//6
2
715-T09A-1
715-T09A-5
21.70
±4.50/3
±12.5/14
0.5
1.5
1500//4
2
715-T12A-1
715-T12A-5
21.70
±6.0/3
±20/15
0.5
1.5
1200//2.5
2
715-T15A-1
715-T15A-5
21.70
±7.50/3
±25/18
0.5
1.5
1500//3
2
715-T20A-1
715-T20A-5
21.70
±10.0/3
±25/10
0.5
1.5
1800//1.5
2
715-T30A-1
715-T30A-5
21.70
±15.0/3
±45/15
0.5
1.5
3000//0.5
2
715-S07A-1
715-S07A-5
21.75
±3.75/3
±25/18
0.5
1.5
1500//3
2
716-M07A-1
716-M07A-5
23.05
±3.75/3
±12.5/16
0.5
1.5
1600//5
2
716-M15A-1
716-M15A-5
23.05
±7.50/3
±25/18
0.5
1.5
1500//3
2
717-M15A-1
717-M15A-5
30.875
±7.50/3
±25/15
0.5
1.5
800//6
2
718-M07A-1
718-M07A-5
45.00
±3.50/3
±12.5/10
0.5
1.5
510//5.5
2
718-M15A-1
718-M15A-5
45.00
±7.50/3
±25/14
0.5
1.5
550//3
2
718-M30A-1
718-M30A-5
45.00
±15.0/3
±50/10
0.5
1.5
510//5.5
2
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above, for definitions of the particular characteristic.
Page 1 of 3
Oscilent Corporation | 715 - 718


Similar Part No. - 715-T07A2-1

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
715 GILWAY-715 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
List of Unclassifed Man...
715 ETC2-715 Datasheet
310Kb / 1P
   PHENOLIC INSTRUMENT CASES
715 ETC2-715 Datasheet
214Kb / 1P
   Wiha Quality Tools Toll Free: (800) 494-6104
715 ETC2-715 Datasheet
346Kb / 1P
   Dura Torsion Insert and Power Bits
715 ETC2-715 Datasheet
100Kb / 1P
   DUAL INPUT DIGITAL THERMOMETERS
More results

Similar Description - 715-T07A2-1

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
712-M07B-1 OSCILENT-712-M07B-1 Datasheet
141Kb / 3P
   Monolithic Dip Type
711-L07A-U OSCILENT-711-L07A-U Datasheet
147Kb / 3P
   HC-49U / HC-49T Monolithic Dip Type
logo
DDK Ltd.
17JE DDK-17JE Datasheet
300Kb / 5P
   Straight DIP Type
logo
Rohm
RPI-129B ROHM-RPI-129B Datasheet
96Kb / 3P
   Photointerrupter, Ultraminiature DIP type
logo
Mercury United Electron...
GV14 MERCURY-GV14 Datasheet
104Kb / 1P
   Dip type CMOS output
GW8 MERCURY-GW8 Datasheet
105Kb / 1P
   Dip type CMOS output
logo
Pulse A Technitrol Comp...
E8144-B02022-L PULSE-E8144-B02022-L Datasheet
111Kb / 1P
   4-POSITION DIP TYPE
logo
Suntsu Electronics, Inc...
SFLSI-22B12G SUNTSU-SFLSI-22B12G Datasheet
183Kb / 3P
   DIP TYPE SAW FILTER
logo
Mercury United Electron...
GW14 MERCURY-GW14 Datasheet
104Kb / 1P
   Dip type CMOS output
H14 MERCURY-H14 Datasheet
86Kb / 1P
   Dip type CMOS output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com