Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

711-M15B2-U Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 711-M15B2-U
Description  HC-49U / HC-49T Monolithic Dip Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

711-M15B2-U Datasheet(HTML) 1 Page - Oscilent Corporation

  711-M15B2-U Datasheet HTML 1Page - Oscilent Corporation 711-M15B2-U Datasheet HTML 2Page - Oscilent Corporation 711-M15B2-U Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.
.
Filters
Series Number
Package
Description
Last Modified
711
HC-49U / HC-49T
Monolithic Dip Type
Jan. 01 2002
Filter FEATURES
- Low loss
- High stability for wide temperature ranges
- Sharp cut offs
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS / PART NUMBER
GUIDE
GENERAL CHARACTERISTICS
Operating Temperature Range: -20 ~ 70°C
Mode of Oscillation: Fundamental
PART NO. (Figure)
Nominal
Frequency
Pass Band
Width
Stop Band
Width
Ripple
Insertion
Loss
Terminal
Impedance
Pole
HC-49U (1)
HC-49T (2)
MHz
KHz/dB
KHz/dB
dB
dB
Rt//Ct[ohm/pF]
-
711-L07A-U
711-L07A-T
10.695
±3.75/3
±20/20
0.5
2.0
1800//5
2
711-L15A-U
711-L15A-T
10.695
±7.5/3
±25/18
0.5
2.0
3000//2
2
711-L20A-U
711-L20A-T
10.695
±10/3
<70/18
0.5
2.0
2--3000
2
711-M07A1-U
711-M07A1-T
10.70
±3.75/3
±18/20
0.5
2.0
1800//5
2
711-M07A2-U
711-M07A2-T
10.70
±3.75/3
±20/20
0.5
2.0
1800//5
2
711-M12A-U
711-M12A-T
10.70
±6.0/3
±20/18
0.5
2.0
3000//3
2
711-M15A-U
711-M15A-T
10.70
±7.5/3
±25/18
0.5
2.0
3000//2
2
711-M20A-U
711-M20A-T
10.70
±10/3
<70/18
0.5
2.0
2--3000
2
711-M30A-U
711-M30A-T
10.70
±15/3
±50/18
0.5
2.0
5500//-
4
711-M07B1-U
711-M07B1-T
10.70
±3.75/3
±14/40
1.0
2.5
1800//4
4
711-M07B2-U
711-M07B2-T
10.70
±3.75/3
±15/40
1.0
2.5
1500//4
4
711-M12B-U
711-M12B-T
10.70
±6.0/3
±20/40
1.0
2.5
2800//1
4
711-M15B1-U
711-M15B1-T
10.70
±7.5/3
±25/40
1.0
2.5
3000//1
4
711-M15B2-U
711-M15B2-T
10.70
±7.5/3
±25/40
1.0
2.5
3000//2
4
711-M15B3-U
711-M15B3-T
10.70
±7.5/3
±27/40
1.5
2.5
2--3000
4
711-M20B-U
711-M20B-T
10.70
±10/3
±34/40
2.0
2.5
2--3000
4
711-M30B-U
711-M30B-T
10.70
±15/3
±50/40
1.0
2.5
5500//-1
4
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above, for definitions of the particular characteristic.
Page 1 of 3
Oscilent Corporation | 711


Similar Part No. - 711-M15B2-U

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
711-00-00 QUALTEK-711-00-00 Datasheet
355Kb / 1P
   REWIRABLE PLUG ASSEMBLY
logo
HellermannTyton.
711-00304 HELLERMANNTYTON-711-00304 Datasheet
49Kb / 1P
   Tasmy samospajalne - winylowe, mastyksowe
logo
WAGO Kontakttechnik Gmb...
711-123 WAGO-711-123 Datasheet
68Kb / 2P
   Connecting adapter; 2-pole; Solder contact for coil wire; Ø 0.2 to 3.7 mm
12.07.2023
711-192 WAGO-711-192 Datasheet
63Kb / 3P
   Transformatorsicherungsklemme; für Sicherung 5 x 20 mm; CAGE CLAMP®-Anschluss für Leiter; 15 mm breit; 4,00 mm²; grau
09.07.2023
More results

Similar Description - 711-M15B2-U

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
HC49UT TRANSKO-HC49UT Datasheet
376Kb / 1P
   MONOLITHIC CRYSTAL FILTER (HC-49U, HC-49T)
Rev. 1: Dec. 2014
logo
ECS, Inc.
700-9001 ECS-700-9001 Datasheet
912Kb / 1P
   HC-49U/US Base Insulator
700-TFL-9001 ECS-700-TFL-9001 Datasheet
83Kb / 1P
   HC-49U/US Base Insulator
logo
List of Unclassifed Man...
9B ETC2-9B Datasheet
482Kb / 1P
   DIP HC-49S 9B SERIES
logo
Oscilent Corporation
712-M07B-1 OSCILENT-712-M07B-1 Datasheet
141Kb / 3P
   Monolithic Dip Type
715-M07A-1 OSCILENT-715-M07A-1 Datasheet
145Kb / 3P
   Monolithic Dip Type
logo
TAITIEN ELECTRONICS CO....
HC-45U TAITIEN-HC-45U Datasheet
200Kb / 1P
   X5((HC--45U)) Type
Rev. 3 03/2022
HC-35U TAITIEN-HC-35U Datasheet
203Kb / 1P
   X6((HC--35U)) Type
Rev. 2 03/2022
HC-37U TAITIEN-HC-37U Datasheet
245Kb / 1P
   X7((HC--37U)) Type
Rev. 2 03/2022
logo
ILSI America LLC
HCOF ILSI-HCOF Datasheet
57Kb / 2P
   Metal Package Full Size DIP and Half DIP, TTL / HC-MOS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com