Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

920-AM-3E1-TTS Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 920-AM-3E1-TTS
Description  x 7 Ceramic 6 Pad LVDS Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

920-AM-3E1-TTS Datasheet(HTML) 1 Page - Oscilent Corporation

  920-AM-3E1-TTS Datasheet HTML 1Page - Oscilent Corporation 920-AM-3E1-TTS Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Oscillators
Series Number
Package
Description
Last Modified
920
5 x 7 Ceramic 6 Pad
LVDS Output
Jan. 01 2007
FEATURES
- High Frequency
- LVDS Square Wave
- Ultra-Low Jitter
- Extended Operating Temperature
- SMD Version 6 Pad
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Output Logic
-
LVDS Square Wave
-
Input Voltage (VDD)
-
3.3 ±5%
VDC
Frequency Range (fO)
-
106.250 / 212.500
MHz
Operating Temperature (TOPR)
-
0 ~ +85
°C
Storage Temperature (TSTG)
-
-55 ~ +125
°C
Overall Frequency Stability
(a) - (e)
±50 max.
PPM
(a) Frequency Tolerance
Inclusive of Overall Stability
-
(b) Temperature Stability
Inclusive of Overall Stability (Operating Temperature)
-
(c) Input Voltage Stability
Inclusive of Overall Stability (VDD ±5%)
-
(d) Load Stability
Inclusive of Overall Stability (RL ±5%)
-
(e) Aging (@ 25°C)
±3 max.
PPM/Y
Current Consumption
-
60 max.
mA
Rise Time (Tr)
-
600 max. (20% to 80% of Waveform)
ps
Fall Time (Tf)
-
600 max. (20% to 80% of Waveform)
ps
Offset Voltage
-
1.2 ±0.1
V
Output Voltage (P-P)
-
400 ~ 800
mV
Load
-
100
Ohms
Duty Cycle
-
50 ±5
%
Start-Up Time (TS)
-
10 max.
mS
Phase Jitter
(12KHz to 20MHz)
RMS: 1 max.
ps
Page 1 of 2
Oscilent Corporation | 920 Series SMD Crystal Oscillator


Similar Part No. - 920-AM-3E1-TTS

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
920-AM-3E1-TTS-001 OSCILENT-920-AM-3E1-TTS-001 Datasheet
141Kb / 2P
   LVDS Output
More results

Similar Description - 920-AM-3E1-TTS

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
921-AM-3E1-TTS OSCILENT-921-AM-3E1-TTS Datasheet
141Kb / 2P
   5 x 7 Ceramic 6 Pad LVPECL Output
495-28.0M-5DN-T OSCILENT-495-28.0M-5DN-T Datasheet
142Kb / 2P
   5 x 7 Ceramic 6 Pad PECL Output
logo
Suntsu Electronics, Inc...
SXO53L SUNTSU-SXO53L Datasheet
692Kb / 4P
   Ceramic SMD 6 Pad LVDS Oscillator
SXO75L SUNTSU-SXO75L Datasheet
665Kb / 4P
   Ceramic SMD 6 Pad LVDS Oscillator
SVC75L SUNTSU-SVC75L Datasheet
806Kb / 4P
   Ceramic SMT 6 Pad LVDS VCXO
logo
EUROQUARTZ limited
G576 EUROQUARTZ-G576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
GV576 EUROQUARTZ-GV576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
HDW576 EUROQUARTZ-HDW576 Datasheet
138Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
GF576 EUROQUARTZ-GF576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
GW576 EUROQUARTZ-GW576 Datasheet
227Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com