Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

490-28.0M-3FC-T Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 490-28.0M-3FC-T
Description  4 Pad J-Lead Ceramic PECL Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

490-28.0M-3FC-T Datasheet(HTML) 2 Page - Oscilent Corporation

  490-28.0M-3FC-T Datasheet HTML 1Page - Oscilent Corporation 490-28.0M-3FC-T Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
#1 Complimentary Output or
Tri-State Enable Low
#2 Ground
#3 Output
#4 Vcc
PART NUMBER GUIDE
Series
Number
Frequency
Voltage
Supply
Option
Frequency
Tolerance &
Stability (max.)
Operating Temp. (°
C)
Duty Cycle
Pin 1 Connection
490
- 28.0 M
- 5
D
N
- T
CO
Oscilent
SMD
Oscillators
Enter your freq.
e.g. 28.0M = 28.00 MHz
5 = 5VDC
3 = 3.3VDC
D =
±100 PPM
E =
±50 PPM
F =
±25 PPM
G =
±20 PPM
Blank* = 0~+70
C = -10~+70
D = -20~+70
L = -20~+75
N = -40~+85
P = 0~+85
Blank*= 50±10%
T = -50±5%
CO =
Complimentary
Output
TS = Tri-State
Enable Low
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above, for definitions of the particular characteristic.
*STANDARDS: - "Blank" part number selections, indicate standard variables for the particular characteristic.
PACKAGING: - Add -TR for Tape/Reel. Click here for tape/reel specifications
Oscilent Corporation - CALL 949.252.0522
18195 East McDurmott Street . Building D . Irvine . CA 92614 . USA
Fax: 949.252.0599 . E-Mail: Sales@Oscilent.com
Series No.: 490
Page 2 of 2
Oscilent Corporation | 490 Series Surface Mount Crystal Oscillator


Similar Part No. - 490-28.0M-3FC-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
490-1006-1-ND TI-490-1006-1-ND Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
logo
ON Semiconductor
490-11503-1-ND ONSEMI-490-11503-1-ND Datasheet
5Mb / 30P
   Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
November, 2020 ??Rev. 0
490-11994-1-ND ONSEMI-490-11994-1-ND Datasheet
5Mb / 30P
   Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
November, 2020 ??Rev. 0
logo
Renesas Technology Corp
490-1286-1-ND RENESAS-490-1286-1-ND Datasheet
1Mb / 22P
   This document describes specifications for the F1650NLGI Zero/Complex IF Modulator implementing Zero-DistortionTM technology for low power consumption with improved ACLR. This device interfaces directly to a high performance Tx dual DAC.
Rev1, March 2014
logo
Texas Instruments
490-1303-1-ND TI-490-1303-1-ND Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
More results

Similar Description - 490-28.0M-3FC-T

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
489-28.0M-5DN-TTS OSCILENT-489-28.0M-5DN-TTS Datasheet
145Kb / 2P
   6 Pad J-Lead Ceramic PECL Output
492-28.0M-5DN-T OSCILENT-492-28.0M-5DN-T Datasheet
142Kb / 2P
   4 Pad PCB J-Lead PECL Output
494-28.0M-5DN-T OSCILENT-494-28.0M-5DN-T Datasheet
134Kb / 2P
   6 Pad PCB J-Lead PECL Output
491-28.0M-5DN-T OSCILENT-491-28.0M-5DN-T Datasheet
141Kb / 2P
   4 Pad PCB PECL Output
495-28.0M-5DN-T OSCILENT-495-28.0M-5DN-T Datasheet
142Kb / 2P
   5 x 7 Ceramic 6 Pad PECL Output
493-28.0M-3DD-T OSCILENT-493-28.0M-3DD-T Datasheet
142Kb / 2P
   6 Pad PCB Base PECL Output
420-12.0M-3DC-T OSCILENT-420-12.0M-3DC-T Datasheet
150Kb / 3P
   Plastic J-Lead HCMOS / TTL Output
logo
MMD Components
MDH5 MMD-MDH5 Datasheet
112Kb / 2P
   Plastic 4 J-Lead Package
logo
List of Unclassifed Man...
PVM5VBV ETC1-PVM5VBV Datasheet
48Kb / 2P
   6 Pad Leadless Surface Mount or 4 Lead Thru-Hole PECL Voltage Controlled Xtal Oscillator
logo
Oscilent Corporation
392 OSCILENT-392 Datasheet
132Kb / 2P
   PECL Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com