Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

489-28.0M-5DN-TTS Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 489-28.0M-5DN-TTS
Description  6 Pad J-Lead Ceramic PECL Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

489-28.0M-5DN-TTS Datasheet(HTML) 1 Page - Oscilent Corporation

  489-28.0M-5DN-TTS Datasheet HTML 1Page - Oscilent Corporation 489-28.0M-5DN-TTS Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Oscillators
Series Number
Package
Description
Last Modified
489
6 Pad J-Lead Ceramic
PECL Output
Jan. 01 2007
FEATURES
- Wave form symmetry of 40/60%
- PECL output
- Industry standard J-Lead SMD Package
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Output Logic
-
Positive ECL Square Wave (PECL)
-
Input Voltage (VDD)
-
3.3 ±10%
5.0 ±10%
VDC
Frequency Range (fO)
-
19.440 ~ 180.0 (Fund, Third, Fifth / UM-1)
MHz
Operating Temperature (TOPR)
-
0 ~ +70 (Std.) / -40 ~ 85 (Option)
°C
Storage Temperature (TSTG)
-
-55 ~ +125
°C
Overall Frequency Stability
-
±20 (0 ~ +70°C Only), ±25, ±50, ±100 max.
PPM
(a) Frequency Tolerance
Inclusive of Overall Stability
-
(b) Temperature Stability
Inclusive of Overall Stability (Operating Temperature)
-
(c) Input Voltage Stability
Inclusive of Overall Stability (VDD ±5%)
-
(d) Load Stability
Inclusive of Overall Stability (RL ±5%)
-
Input Current (IDD)
-
80 max.
120 max.
mA
Aging
@ 25°C
±1 max.
PPM/Y
Rise Time (TR)
20% to 80% of Waveform
1 max.
nS
Fall Time (TF)
20% to 80% of Waveform
1 max.
nS
Output Voltage High "1" VOH
PECL
VDD - 1.025 min.
VDC
Output Voltage Low "0" VOL
PECL
VDD - 1.620 max.
VDC
Load
-
PECL 50 ohm to Vcc-2VDC
Ohms
Duty Cycle
50% of Waveform
50 ±10 (Std.) / 50 ±5 (Option)
%
Start-Up Time (TS)
-
10 max.
mS
Jitter
-
0.5 typical , 1 RMS max.
pS
Tri-State Output
Input High = Output Disable
"Off" : 2.8V min.
-
Input Low & Floating =
Output Active
"On" : 0.6V max.
-
Page 1 of 2
Oscilent Corporation | 489 Series Surface Mount Crystal Oscillator


Similar Part No. - 489-28.0M-5DN-TTS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
489 ETC2-489 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Oscilent Corporation
489 OSCILENT-489 Datasheet
145Kb / 2P
   PECL Output
logo
ebm-papst
4890N EBMPAPST-4890N Datasheet
192Kb / 1P
   TUBEAXIAL
4890N EBMPAPST-4890N Datasheet
295Kb / 4P
   AC axial compact fan
4890N EBMPAPST-4890N Datasheet
383Kb / 1P
   FAN HOUSING WITH GROUND LUG FOR SCREW M4 AND UNC
More results

Similar Description - 489-28.0M-5DN-TTS

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
494-28.0M-5DN-T OSCILENT-494-28.0M-5DN-T Datasheet
134Kb / 2P
   6 Pad PCB J-Lead PECL Output
490-28.0M-5DC-T OSCILENT-490-28.0M-5DC-T Datasheet
142Kb / 2P
   4 Pad J-Lead Ceramic PECL Output
492-28.0M-5DN-T OSCILENT-492-28.0M-5DN-T Datasheet
142Kb / 2P
   4 Pad PCB J-Lead PECL Output
495-28.0M-5DN-T OSCILENT-495-28.0M-5DN-T Datasheet
142Kb / 2P
   5 x 7 Ceramic 6 Pad PECL Output
493-28.0M-3DD-T OSCILENT-493-28.0M-3DD-T Datasheet
142Kb / 2P
   6 Pad PCB Base PECL Output
491-28.0M-5DN-T OSCILENT-491-28.0M-5DN-T Datasheet
141Kb / 2P
   4 Pad PCB PECL Output
920-AM-3E1-TTS OSCILENT-920-AM-3E1-TTS Datasheet
141Kb / 2P
   x 7 Ceramic 6 Pad LVDS Output
921-AM-3E1-TTS OSCILENT-921-AM-3E1-TTS Datasheet
141Kb / 2P
   5 x 7 Ceramic 6 Pad LVPECL Output
logo
List of Unclassifed Man...
PVM5VBV ETC1-PVM5VBV Datasheet
48Kb / 2P
   6 Pad Leadless Surface Mount or 4 Lead Thru-Hole PECL Voltage Controlled Xtal Oscillator
logo
Oscilent Corporation
420-12.0M-3DC-T OSCILENT-420-12.0M-3DC-T Datasheet
150Kb / 3P
   Plastic J-Lead HCMOS / TTL Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com