Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

430-2.0M-2EC-T Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 430-2.0M-2EC-T
Description  7 x 5 SMD Ceramic HCMOS / TTL Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

430-2.0M-2EC-T Datasheet(HTML) 2 Page - Oscilent Corporation

  430-2.0M-2EC-T Datasheet HTML 1Page - Oscilent Corporation 430-2.0M-2EC-T Datasheet HTML 2Page - Oscilent Corporation 430-2.0M-2EC-T Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
#1
No Connection or
Tri-State Enable
High
#2 Case Ground
#3 Output
#4 Vdd
PART NUMBER GUIDE
Series
Number
Frequency
Voltage Supply
Option
Frequency
Tolerance &
Stability (max.)
Operating Temp.
(°C)
Duty Cycle
Pin 1 Connection
430
- 2.0M
- 3
E
N
- T
TS
Oscilent
SMD
Oscillators
Enter your desired
frequency e.g. 12.0M =
12.000MHz See table
below for standard
frequencies.
5 = 5 VDC
3 = 3.3 VDC
2 = 2.85 VDC
1 = 1.8 VDC
D =
±100 PPM
E =
±50 PPM
F =
±25 PPM
G =
±20 PPM
J =
±15 PPM
H =
±10 PPM
Blank* = 0~+70
C = -10~+70
D = -20~+70
L = -20~+75
N = -40~+85
Blank*= 50±10%
T = -50±5%
NC = No
Connnection
TS = Tri-State
Enable High
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above, for definitions of the particular characteristic.
*STANDARDS: - "Blank" part number selections, indicate standard variables for the particular characteristic.
PACKAGING: - Add -TR for Tape/Reel. Click here for tape/reel specifications
PART NUMBER CODING - STANDARD OSCILLATOR FREQUENCIES
FREQUENCY (1.8432 - 16.000MHz)
FREQUENCY (16.257 - 80.00MHz)
1.8432
16.257
2.000
16.384
2.4576
17.734475
3.579545
18.000
3.6864
18.432
4.000
19.6608
4.9152
20.000
5.000
24.000
5.0688
24.576
6.000
25.000
6.144
25.175
7.3728
28.322
8.000
30.000
Page 2 of 3
Oscilent Corporation | 430 Series Surface Mount Crystal Oscillators


Similar Part No. - 430-2.0M-2EC-T

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
430-251-2 ATM-430-251-2 Datasheet
82Kb / 1P
   STANDARD GAIN HORN
430-253-2 ATM-430-253-2 Datasheet
82Kb / 1P
   STANDARD GAIN HORN
More results

Similar Description - 430-2.0M-2EC-T

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
432-12.0M-7DC-TNC OSCILENT-432-12.0M-7DC-TNC Datasheet
142Kb / 2P
   5 x 3.2 SMD Ceramic HCMOS / TTL Output
434-12.0M-5DC-TNC OSCILENT-434-12.0M-5DC-TNC Datasheet
144Kb / 2P
   5 x 3.2 SMD Ceramic HCMOS / TTL Output
481-2.4576M-5DN-TTS OSCILENT-481-2.4576M-5DN-TTS Datasheet
150Kb / 3P
   7 x 5 Programmable HCMOS / TTL Output
logo
EUROQUARTZ limited
MB572T EUROQUARTZ-MB572T Datasheet
205Kb / 1P
   7 x 5 x 2.3mm SMD HCMOS
logo
MTRONPTI
M2052 MTRONPTI-M2052 Datasheet
864Kb / 6P
   5 x 7 mm, 3.0, 3.3 & 3.6 Volt, HCMOS/TTL
logo
EUROQUARTZ limited
EMW57T EUROQUARTZ-EMW57T Datasheet
151Kb / 1P
   HCMOS 7 x 5 x 2.8mm SMD, W Group
EM57T EUROQUARTZ-EM57T Datasheet
151Kb / 1P
   HCMOS 7 x 5 x 2.5mm SMD, MHz Range
EM57T33-32.768K-2.5 EUROQUARTZ-EM57T33-32.768K-2.5 Datasheet
137Kb / 1P
   HCMOS 7 x 5 x 2.5mm SMD, kHz Range
EMV57T EUROQUARTZ-EMV57T Datasheet
151Kb / 1P
   HCMOS 7 x 5 x 2.5mm SMD, V Group
logo
Oscilent Corporation
567-25.0M-3DN-TP1 OSCILENT-567-25.0M-3DN-TP1 Datasheet
134Kb / 2P
   HCMOS / TTL Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com