Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

320-4.0M-3GN-TNC Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 320-4.0M-3GN-TNC
Description  Metal Dip Half Size Clock Oscillators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

320-4.0M-3GN-TNC Datasheet(HTML) 3 Page - Oscilent Corporation

  320-4.0M-3GN-TNC Datasheet HTML 1Page - Oscilent Corporation 320-4.0M-3GN-TNC Datasheet HTML 2Page - Oscilent Corporation 320-4.0M-3GN-TNC Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
5.0688
16.384
48.000
6.000
17.734475
50.000
6.144
18.000
64.000
7.3728
18.432
65.000
8.000
19.6608
66.666
9.216
20.000
80.000
9.8304
24.000
-
NOTE: Other frequencies available. PLEASE SPECIFY IN PART NUMBER GUIDE
Series No.: 320
Page 3 of 3
Oscilent Corporation | 320 Series Crystal Oscillator


Similar Part No. - 320-4.0M-3GN-TNC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
320-000-305 ITT-320-000-305 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
320-000-305 ITT-320-000-305 Datasheet
688Kb / 19P
   ARINC 600
320-000-305 ITT-320-000-305 Datasheet
688Kb / 19P
   ARINC 600 BKAD/E/F
320-0051-000 ITT-320-0051-000 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
320-0051-000 ITT-320-0051-000 Datasheet
688Kb / 19P
   ARINC 600
More results

Similar Description - 320-4.0M-3GN-TNC

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
330-2.0M-5DN-TNC OSCILENT-330-2.0M-5DN-TNC Datasheet
140Kb / 3P
   Metal Dip Full Size Clock Oscillators
logo
Vectron International, ...
VPB1-B1B-40M000 VECTRON-VPB1-B1B-40M000 Datasheet
119Kb / 2P
   VPB1 Half Size Dip Crystal Oscillators
VPB1 VECTRON-VPB1 Datasheet
118Kb / 2P
   VPB1 Half Size Dip Crystal Oscillators
logo
RSG Electronic Componen...
HO-21 RSG-HO-21 Datasheet
84Kb / 1P
   HALF SIZE CLOCK OSCILLATORS TTL COMPATIBLE
logo
Vishay Siliconix
XO-523 VISHAY-XO-523 Datasheet
96Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 01-Jun-06
XO-52 VISHAY-XO-52 Datasheet
89Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 01-Jun-06
XO-523 VISHAY-XO-523_07 Datasheet
90Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
XO-52 VISHAY-XO-52_07 Datasheet
95Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
logo
Abracon Corporation
ACOL ABRACON-ACOL Datasheet
448Kb / 1P
   3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACOL1 ABRACON-ACOL1 Datasheet
418Kb / 1P
   2.5Vdc - HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com