Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP28292 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP28292
Description  1.5A Single-chip Li-ion and Li-POL Charge with OVP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28292 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP28292 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28292 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28292 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28292 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28292 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28292 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28292 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28292 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28292 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Preliminary
Datasheet
LP28292
LP28292 – 02 Ver. 1.2 Datasheet
Nov.-2008
Page 2 of 10
Functional Pin Description
P a ckag e Ty pe
Pin Con f igurat i o ns
TDFN- 10
10
NC
3
VIN
NC
1
NC
NC
4
STAT
6
ISET
5
VOUT
NC
7
VSS
8
29
Pi n Desc ript io n
PIN
PIN
Number
DESCRIPTION
VIN
1,2
VIN is the input power source. Connect to a wall adapter.
STAT
3
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled low by an
internal N-channel MOSFET. When the charge cycle is completed, a weak pull-down of
approximately 20µA is connected to the STAT pin, indicating an “AC present” condition. When
the LP28292 detects an under voltage lockout condition, STAT is forced high impedance.
NC
4,7
No connector.
VSS
5,11
VSS is the connection to system ground.
ISET
9
Charge Current Program, Charge Current Monitor and Shutdown Pin. The charge current is pro-
grammed by connecting a 1% resistor(R
PROG)to ground. When charging in constant-current mode,
this pin servos to 1V. In all modes, the voltage on this pin can be used to measure the charge
current using the following formula:
I
BAT
= (V
PROG
/R
PROG
) • 880
VOUT/TS
9
VBAT is the connection to the battery. Typically a 1µF Tantalum capacitor is needed for stability
when there is no battery attached. When a battery is attached, only a 0.1µF ceramic capacitor is
required. A vision the pin is Vout,B vision the pin is TS.
VOUT
10
VBAT is the connection to the battery. Typically a 1µF Tantalum capacitor is needed for stability
when there is no battery attached. When a battery is attached, only a 0.1µF ceramic capacitor is
required.


Similar Part No. - LP28292

ManufacturerPart #DatasheetDescription
logo
Shenzhen Xinmao Microel...
LP2821 LANDP-LP2821 Datasheet
809Kb / 8P
   Non-IsolatIon Control Drive
LP2821A LANDP-LP2821A Datasheet
809Kb / 8P
   Non-IsolatIon Control Drive
LP2821B LANDP-LP2821B Datasheet
809Kb / 8P
   Non-IsolatIon Control Drive
LP2821C LANDP-LP2821C Datasheet
809Kb / 8P
   Non-IsolatIon Control Drive
LP2821D LANDP-LP2821D Datasheet
809Kb / 8P
   Non-IsolatIon Control Drive
More results

Similar Description - LP28292

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28011 POWER-LP28011 Datasheet
438Kb / 10P
   1A Single-chip Li-ion and Li-POL Charge with OVP
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
LP28021 POWER-LP28021 Datasheet
822Kb / 11P
   1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
logo
Texas Instruments
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
[Old version datasheet]   SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
logo
Texas Instruments
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com