Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP28011 Datasheet(PDF) 10 Page - Lowpower Semiconductor inc

Part # LP28011
Description  1A Single-chip Li-ion and Li-POL Charge with OVP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28011 Datasheet(HTML) 10 Page - Lowpower Semiconductor inc

Back Button LP28011 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Preliminary Datasheet
LP28011
LP28011 – 01 Ver. 1.1 Datasheet
Nov.-2007
Page 10 of 10
Packaging Information


Similar Part No. - LP28011

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28010 POWER-LP28010 Datasheet
770Kb / 12P
   Single-Chip, Li-Ion/Polymer Battery Charge Manager
LP28012 POWER-LP28012 Datasheet
340Kb / 10P
   Programmable Charge Current Up to 1200mA
LP28013 POWER-LP28013 Datasheet
492Kb / 7P
   1A Single Chip Li-Ion and Li-Polymer Charger
LP28013A POWER-LP28013A Datasheet
373Kb / 7P
   1A Single Chip Li-Ion and Li-Polymer Charger
LP28014 POWER-LP28014 Datasheet
296Kb / 7P
   1A Single Chip Li-Ion and Li-Polymer Charger
More results

Similar Description - LP28011

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28292 POWER-LP28292 Datasheet
363Kb / 10P
   1.5A Single-chip Li-ion and Li-POL Charge with OVP
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
LP28021 POWER-LP28021 Datasheet
822Kb / 11P
   1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
logo
Texas Instruments
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
[Old version datasheet]   SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com