Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3205-33B5F Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP3205-33B5F
Description  1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3205-33B5F Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP3205-33B5F Datasheet HTML 2Page - Lowpower Semiconductor inc LP3205-33B5F Datasheet HTML 3Page - Lowpower Semiconductor inc LP3205-33B5F Datasheet HTML 4Page - Lowpower Semiconductor inc LP3205-33B5F Datasheet HTML 5Page - Lowpower Semiconductor inc LP3205-33B5F Datasheet HTML 6Page - Lowpower Semiconductor inc LP3205-33B5F Datasheet HTML 7Page - Lowpower Semiconductor inc LP3205-33B5F Datasheet HTML 8Page - Lowpower Semiconductor inc LP3205-33B5F Datasheet HTML 9Page - Lowpower Semiconductor inc LP3205-33B5F Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Preliminary Datasheet
LP3205
LP3205 – Ver. 1.0 Datasheet
Feb.-2007
Page 9 of 10
Checking Transient Response
The regulator loop response can be checked by looking at the load transient response. Switching
regulators take several cycles to respond to a step in load current. When a load step occurs, VOUT
immediately shifts by an amount equal to ∆ILOAD (ESR), where ESR is the effective series
resistance of COUT. ∆ILOAD also begins to charge or discharge COUT generating a feedback error
signal used by the regulator to return VOUT to its steady-state value. During this recovery time,
VOUT can be monitored for overshoot or ringing that would indicate a stability problem.
Layout Considerations
Follow the PCB layout guidelines for optimal performance of LP3205.
For the main current paths as indicated in bold lines, keep their traces short and wide.
Put the input capacitor as close as possible to the device pins (VIN and GND).
LX node is with high frequency voltage swing and should be kept small area. Keep analog
components away from LX node to prevent stray capacitive noise pick-up.
Connect feedback network behind the output capacitors. Keep the loop area small. Place the
feedback components near the LP3205.
Connect all analog grounds to a command node and then connect the command node to the
power ground behind the output capacitors.


Similar Part No. - LP3205-33B5F

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3205F POWER-LP3205F Datasheet
1Mb / 10P
   1.5MHz Fixed-Frequency PWM Operation
More results

Similar Description - LP3205-33B5F

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3204 POWER-LP3204 Datasheet
761Kb / 11P
   1.5MHz, 800mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3203 POWER-LP3203 Datasheet
360Kb / 10P
   1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3202 POWER-LP3202 Datasheet
759Kb / 11P
   1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Fitipower Integrated Te...
FP6367 FITIPOWER-FP6367 Datasheet
575Kb / 9P
   1.5MHz, 800mA, High-Efficiency PWM Synchronous Step-Down Converter
logo
ELM Technology Corporat...
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
   ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
   1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com